Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6038351 Datasheet(PDF) 5 Page - SICK AG

Part # 6038351
Description  LEVEL SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6038351 Datasheet(HTML) 5 Page - SICK AG

  6038351 Datasheet HTML 1Page - SICK AG 6038351 Datasheet HTML 2Page - SICK AG 6038351 Datasheet HTML 3Page - SICK AG 6038351 Datasheet HTML 4Page - SICK AG 6038351 Datasheet HTML 5Page - SICK AG 6038351 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LBV320-XXTGDRANX01500 | LBV300
LEVEL SENSORS
Connection diagram
Double relay connection diagram
1
2
3
①  Relay output
②  Relay output
③  Power supply
Instruction for installation
Horizontal mounting
20°
1
2
①  Protective sheet
②  Concave protective sheet for abrasive solids
Recommended accessories
Other models and accessories
www.sick.com/LBV300
Brief description
Type
Part no.
Mounting brackets and mounting plates
Locking screw connection, process pressure –1 bar to 16 bar, process connection G
2 A, inner thread G 1 1/2 A, stainless steel 316L
BEF-MU-316G20-
ALBV
5322462
Electronic modules
Double relay (DPDT): 20 V DC ... 72 V DC / 20 ... 250 V AC
ECD-RE-LB-
VREL-0001
6038666
2016-05-17 16:55:06 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
5


Similar Part No. - 6038351

ManufacturerPart #DatasheetDescription
logo
SICK AG
6038350 SICK-6038350 Datasheet
466Kb / 6P
   LEVEL SENSORS
6038352 SICK-6038352 Datasheet
466Kb / 6P
   LEVEL SENSORS
6038353 SICK-6038353 Datasheet
466Kb / 6P
   LEVEL SENSORS
6038354 SICK-6038354 Datasheet
466Kb / 6P
   LEVEL SENSORS
6038355 SICK-6038355 Datasheet
466Kb / 6P
   LEVEL SENSORS
More results

Similar Description - 6038351

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com