Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-1S Datasheet(PDF) 11 Page - CT Micro International Corporation

Part # CNY17F-1S
Description  DC Input 6-Pin Phototransistor Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CNY17F-1S Datasheet(HTML) 11 Page - CT Micro International Corporation

Back Button CNY17F-1S Datasheet HTML 6Page - CT Micro International Corporation CNY17F-1S Datasheet HTML 7Page - CT Micro International Corporation CNY17F-1S Datasheet HTML 8Page - CT Micro International Corporation CNY17F-1S Datasheet HTML 9Page - CT Micro International Corporation CNY17F-1S Datasheet HTML 10Page - CT Micro International Corporation CNY17F-1S Datasheet HTML 11Page - CT Micro International Corporation CNY17F-1S Datasheet HTML 12Page - CT Micro International Corporation CNY17F-1S Datasheet HTML 13Page - CT Micro International Corporation CNY17F-1S Datasheet HTML 14Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 11
Feb, 2014
CNY17-1, CNY17-2, CNY17-3, CNY17-4
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
DC Input 6-Pin Phototransistor Optocoupler
Ordering Information
CNY17-X(V)(Y)(Z)-G, CNY17F-X(V)(Y)(Z)-G
X = Part No. (1,2,3,4)
Y = Lead form option (S, SL, M or none)
Z = Tape and reel option (T1, T2 or none)
G= Material option (G: Green, None: Non-green)
Option
Description
Quantity
None
Standard 6 Pin Dip
50Units/Tube
M
Gullwing (400mil) Lead Forming
50Units/Tube
S(T1)
Surface Mount Lead Forming – With Option 1 Taping
1000 Units/Reel
S(T2)
Surface Mount Lead Forming – With Option 2 Taping
1000 Units/Reel
SL(T1)
Surface Mount (Low Profile) Lead Forming– With Option 1 Taping
1000 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming – With Option 2 Taping
1000 Units/Reel


Similar Part No. - CNY17F-1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F-1S FAIRCHILD-CNY17F-1S Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Everlight Electronics C...
CNY17F-1S(TA)-V EVERLIGHT-CNY17F-1S(TA)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17F-1S(TB)-V EVERLIGHT-CNY17F-1S(TB)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17F-1S1(TA)-V EVERLIGHT-CNY17F-1S1(TA)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17F-1S1(TB)-V EVERLIGHT-CNY17F-1S1(TB)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - CNY17F-1S

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
4N25 CTMICRO-4N25 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
CT827 CTMICRO-CT827 Datasheet
715Kb / 12P
   DC Input 8-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
   DC Input 4-Pin Phototransistor Optocoupler
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
logo
List of Unclassifed Man...
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com