Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71016S15PHI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71016S15PHI
Description  CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71016S15PHI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71016S15PHI Datasheet HTML 1Page - Integrated Device Technology IDT71016S15PHI Datasheet HTML 2Page - Integrated Device Technology IDT71016S15PHI Datasheet HTML 3Page - Integrated Device Technology IDT71016S15PHI Datasheet HTML 4Page - Integrated Device Technology IDT71016S15PHI Datasheet HTML 5Page - Integrated Device Technology IDT71016S15PHI Datasheet HTML 6Page - Integrated Device Technology IDT71016S15PHI Datasheet HTML 7Page - Integrated Device Technology IDT71016S15PHI Datasheet HTML 8Page - Integrated Device Technology IDT71016S15PHI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.42
2
IDT71016, CMOS Static RAM
1 Meg (64K x 16-bit)
Commercial and Industrial Temperature Ranges
Pin Configurations
SOJ/TSOP
Top View
Truth Table (1)
Pin Descriptions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
I/O 7
NC
A12
A13
A14
A15
WE
I/O 6
I/O 5
I/O 4
VSS
VCC
I/O 3
I/O 2
I/O 1
I/O 0
CS
A0
A1
A2
A3
A4
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A6
A7
OE
BHE
BLE
I/O 15
I/O 14
I/O 13
I/O 12
VSS
VCC
I/O 11
I/O 10
I/O 9
I/O 8
A8
A9
A10
A11
NC
A5
NC
SO44-1
SO44-2
3210 drw 02
,
A0 - A15
Address Inputs
Input
CS
Chip Select
Input
WE
Write Enable
Input
OE
Output Enable
Input
BHE
High Byte Enable
Input
BLE
Low Byte Enable
Input
I/O0 - I/O15
Data Input/Output
I/O
VCC
5.0V Power
Pwr
VSS
Ground
Gnd
3210 tbl 01
NOTE:
1. H = VIH, L = VIL, X = Don't care.
CS
OE
WE
BLE
BHE
I/O0 - I/O7
I/O8 - I/O15
Function
H
X
X
X
X
High-Z
High-Z
Deselected - Standby
LLH
LH
DATAOUT
High-Z
Low Byte Read
L
L
H
H
L
High-Z
DATAOUT
High Byte Read
L
L
H
L
L
DATAOUT
DATAOUT`
Word Read
L
X
L
L
L
DATAIN
DATAIN
Word Write
L
X
L
L
H
DATAIN
High-Z
Low Byte Write
L
X
L
H
L
High-Z
DATAIN
High Byte Write
L
H
H
X
X
High-Z
High-Z
Outputs Disabled
L
X
X
H
H
High-Z
High-Z
Outputs Disabled
3210 tbl 02


Similar Part No. - IDT71016S15PHI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT71016S15PHI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com