Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39321B3761Z810 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39321B3761Z810
Description  SAW Components SAW RF filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39321B3761Z810 Datasheet(HTML) 5 Page - TDK Electronics

  B39321B3761Z810 Datasheet HTML 1Page - TDK Electronics B39321B3761Z810 Datasheet HTML 2Page - TDK Electronics B39321B3761Z810 Datasheet HTML 3Page - TDK Electronics B39321B3761Z810 Datasheet HTML 4Page - TDK Electronics B39321B3761Z810 Datasheet HTML 5Page - TDK Electronics B39321B3761Z810 Datasheet HTML 6Page - TDK Electronics B39321B3761Z810 Datasheet HTML 7Page - TDK Electronics B39321B3761Z810 Datasheet HTML 8Page - TDK Electronics B39321B3761Z810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
December 14, 2012
B3761
315.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Matching network to 50
Ω (element values depend on pcb layout and equivalent circuit)
Minimising the crosstalk
For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with a good
RF layout. The major crosstalk mechanism is caused by the “ground-loop” problem.
Grounding loops are created if input-and output transducer GND are connected on the top-side of
the PCB and fed to the system grounding plane by a common via hole. To avoid the common
ground path, the ground pin of the input- and output transducer are fed to the system ground plane
(bottom PCB plane) by their own via hole. The transducers’ grounding pins should be isolated from
the upper grounding plane.
A common GND inductivity of 0.5nH degrades the ultimate rejection (crosstalk) by 20dB.
The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown
here. In this PCB layout the grounding loops are minimised to realise good ultimate rejection
Optimised PCB layout for SAW filters in QCC8B package, pinning 2,5 (top side, scale 1:1)
The bottom side is a copper plane (system ground area). The input and output grounding pins are
isolated and connected to the common ground by separated via holes.
For good contact of the upper grounding area with the lower side it is necessary to place enough
via holes.
Ls1 = 56 nH
Ls2 = 56 nH


Similar Part No. - B39321B3761Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39321B3761Z810 EPCOS-B39321B3761Z810 Datasheet
86Kb / 10P
   SAW RF filter Short range devices
More results

Similar Description - B39321B3761Z810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39152B1647U510 TDK-B39152B1647U510 Datasheet
82Kb / 8P
   SAW Components SAW RF filter
B39162B3528U510 TDK-B39162B3528U510 Datasheet
92Kb / 8P
   SAW Components SAW RF filter
B39771B5117U410 TDK-B39771B5117U410 Datasheet
64Kb / 7P
   SAW Components SAW RF filter
B39162B4050U510 TDK-B39162B4050U510 Datasheet
90Kb / 7P
   SAW Components SAW RF filter
B39451B3907U410 TDK-B39451B3907U410 Datasheet
96Kb / 8P
   SAW Components SAW RF filter
B39761B3928U510 TDK-B39761B3928U510 Datasheet
157Kb / 8P
   SAW Components SAW RF filter
B39421B5324Z810 TDK-B39421B5324Z810 Datasheet
159Kb / 8P
   SAW Components SAW RF filter
B39431B3790Z810 TDK-B39431B3790Z810 Datasheet
112Kb / 10P
   SAW Components SAW RF filter
B39232B3404U410 TDK-B39232B3404U410 Datasheet
155Kb / 8P
   SAW Components SAW RF filter
B39351B3408U410 TDK-B39351B3408U410 Datasheet
152Kb / 8P
   SAW Components SAW RF filter
B39361B5074Z810 TDK-B39361B5074Z810 Datasheet
72Kb / 7P
   SAW Components SAW RF filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com