Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA132PA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA132PA
Description  High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA132PA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA132PA Datasheet HTML 1Page - Burr-Brown (TI) OPA132PA Datasheet HTML 2Page - Burr-Brown (TI) OPA132PA Datasheet HTML 3Page - Burr-Brown (TI) OPA132PA Datasheet HTML 4Page - Burr-Brown (TI) OPA132PA Datasheet HTML 5Page - Burr-Brown (TI) OPA132PA Datasheet HTML 6Page - Burr-Brown (TI) OPA132PA Datasheet HTML 7Page - Burr-Brown (TI) OPA132PA Datasheet HTML 8Page - Burr-Brown (TI) OPA132PA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
q FET INPUT: I
B = 50pA max
q WIDE BANDWIDTH: 8MHz
q HIGH SLEW RATE: 20V/
µs
q LOW NOISE: 8nV/
√Hz (1kHz)
q LOW DISTORTION: 0.00008%
q HIGH OPEN-LOOP GAIN: 130dB (600
Ω load)
q WIDE SUPPLY RANGE:
±2.5 to ±18V
q LOW OFFSET VOLTAGE: 500
µV max
q SINGLE, DUAL, AND QUAD VERSIONS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4132
14-Pin DIP
SO-14
AD
BC
OPA132
OPA2132
OPA4132
1
2
3
4
8
7
6
5
Offset Trim
V+
Output
NC
Offset Trim
–In
+In
V–
OPA132
8-Pin DIP, SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2132
8-Pin DIP, SO-8
A
B
High-Speed
FET-INPUT OPERATIONAL AMPLIFIERS
DESCRIPTION
The OPA132 series of FET-input op amps provides high-
speed and excellent dc performance. The combination of
high slew rate and wide bandwidth provide fast settling time.
Single, dual, and quad versions have identical specifications
for maximum design flexibility. High performance grades
are available in the single and dual versions. All are ideal for
general-purpose, audio, data acquisition and communica-
tions applications, especially where high source impedance
is encountered.
OPA132 op amps are easy to use and free from phase
inversion and overload problems often found in
common FET-input op amps. Input cascode circuitry pro-
vides
excellent
common-mode
rejection
and
maintains low input bias current over its wide input voltage
range. OPA132 series op amps are stable in unity gain and
provide excellent dynamic behavior over a wide range of
load conditions, including high load capacitance. Dual and
quad versions feature completely independent circuitry for
lowest crosstalk and freedom from interaction, even when
overdriven or overloaded.
Single and dual versions are available in 8-pin DIP and
SO-8 surface-mount packages. Quad is available in 14-pin
DIP and SO-14 surface-mount packages. All are specified
for –40
°C to +85°C operation.
SBOS054A – JANUARY 1995 – REVISED JUNE 2004
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1995-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
OPA1
32
OPA2
132
OPA1
32
OPA2
132
OPA41
32
OPA41
32


Similar Part No. - OPA132PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132PA BURR-BROWN-OPA132PA Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132PA BURR-BROWN-OPA132PA Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132PA2 BURR-BROWN-OPA132PA2 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA132PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com