Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC5532A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RC5532A
Description  High Performance Dual Low Noise Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5532A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RC5532A Datasheet HTML 1Page - Fairchild Semiconductor RC5532A Datasheet HTML 2Page - Fairchild Semiconductor RC5532A Datasheet HTML 3Page - Fairchild Semiconductor RC5532A Datasheet HTML 4Page - Fairchild Semiconductor RC5532A Datasheet HTML 5Page - Fairchild Semiconductor RC5532A Datasheet HTML 6Page - Fairchild Semiconductor RC5532A Datasheet HTML 7Page - Fairchild Semiconductor RC5532A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRODUCT SPECIFICATION
RC5532/RC5532A
REV. 1.1.3 6/14/01
3
DC Electrical Characteristics
(VS = ±15V and TA = +25˚C unless otherwise noted)
Notes:
1. Diodes protect the inputs against over-voltage. Therefore, unless current-limiting resistors are used, large currents will flow
if the differential input voltage exceeds 0.6V. Maximum input current should be limited to ±10mA.
2. Over Temperature: RC = 0°C
≤ TA ≤70°C
Electrical Characteristics
(VS = ±15V and TA = +25°C )
RC5532/5532A
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Input Offset Voltage
0.5
4.0
mV
Over Temperature
5.0
mV
Input Offset Current
10
150
nA
Over Temperature
200
nA
Input Bias Current
200
800
nA
Over Temperature
1000
nA
Supply Current
6.0
16
mA
Over Temperature
22
mA
Input Voltage Range
±12
±13
V
Common Mode Rejection Ratio
70
100
dB
Power Supply
Rejection Ratio
80
100
dB
Large Signal
Voltage Gain
RL
≥ 2 KΩ, VOUT = ±10V
25
100
V/mV
Over Temperature
15
50
RL
≥ 600Ω, VOUT = ±10V
15
50
Over Temperature
10
Output Voltage Swing
RL
≥ 600Ω
±12
±13
V
RL = 600
Ω, VS = ±18V
±15
±16
RL
≥ 2kΩ
Input Resistance
(Diff. Mode)
300
K
Short Circuit Current
38
mA
RC/RM5532A
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Input Noise Voltage Density
FO = 30 Hz
8.0
12
nV/
√Hz
FO = 1 kHz
5.0
6.0
Input Noise Current Density
FO = 30 Hz
2.7
pA/
√Hz
FO = 1 kHz
0.7
Channel Separation
F = 1 kHz, RS = 5 k
110
dB


Similar Part No. - RC5532A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5532AD FAIRCHILD-RC5532AD Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
RC5532AN FAIRCHILD-RC5532AN Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
More results

Similar Description - RC5532A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
HA-5112 INTERSIL-HA-5112 Datasheet
32Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com