Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39321R0903H110 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39321R0903H110
Description  SAW Components SAW resonator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39321R0903H110 Datasheet(HTML) 3 Page - TDK Electronics

  B39321R0903H110 Datasheet HTML 1Page - TDK Electronics B39321R0903H110 Datasheet HTML 2Page - TDK Electronics B39321R0903H110 Datasheet HTML 3Page - TDK Electronics B39321R0903H110 Datasheet HTML 4Page - TDK Electronics B39321R0903H110 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
July 08, 2013
R903
315.50 MHz
SAW Components
SAW resonator
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency1)
1) Center frequency is defined as maximum of the real part of the admittance.
fC
315.425
315.50
315.575
MHz
Minimum insertion attenuation
α
min
1.5
1.9
dB
Unloaded quality factor
QU
7600
10500
Ageing of fC
–50/+50
ppm
Equivalent circuit elements
Motional capacitance
C1
2.42
fF
Motional inductance
L1
105.4
µH
Motional resistance
R1
—19
27
Parallel capacitance2)
2) If used in two port configuration (pin 2 - input, pin5 - output) C
0 is reduced by approx. 0.3 pF.
C0
3.2
pF
Temperature coefficient of frequency3)
3) Temperature dependence of f
C: fC(TA) = fC(T0) (1 + TCf (TA – T0)
2)
TCf
–0.032
ppm/K2
Turnover temperature
T0
10—30
˚C
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
12
V
Source power
PS
0
dBm


Similar Part No. - B39321R0903H110

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39321R0901H110 TDK-B39321R0901H110 Datasheet
52Kb / 5P
   SAW Components SAW resonator
More results

Similar Description - B39321R0903H110

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39122R0959H110 TDK-B39122R0959H110 Datasheet
52Kb / 5P
   SAW Components SAW resonator
B39321R1921A310 TDK-B39321R1921A310 Datasheet
52Kb / 5P
   SAW Components SAW resonator
B39431R1900A310 TDK-B39431R1900A310 Datasheet
52Kb / 5P
   SAW Components SAW resonator
B39321R0993H110 TDK-B39321R0993H110 Datasheet
52Kb / 5P
   SAW Components SAW resonator
B39431R0820H210 TDK-B39431R0820H210 Datasheet
47Kb / 5P
   SAW Components SAW resonator
B39431R1920A310 TDK-B39431R1920A310 Datasheet
139Kb / 5P
   SAW Components SAW resonator
B39311R0994H110 TDK-B39311R0994H110 Datasheet
52Kb / 5P
   SAW Components SAW resonator
B39321R1902A310 TDK-B39321R1902A310 Datasheet
136Kb / 5P
   SAW Components SAW resonator
B39431R0880H210 TDK-B39431R0880H210 Datasheet
47Kb / 5P
   SAW Components SAW resonator
B39431R0969H110 TDK-B39431R0969H110 Datasheet
55Kb / 5P
   SAW Components SAW resonator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com