Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39431B3727H110 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39431B3727H110
Description  SAW Components SAW RF filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39431B3727H110 Datasheet(HTML) 3 Page - TDK Electronics

  B39431B3727H110 Datasheet HTML 1Page - TDK Electronics B39431B3727H110 Datasheet HTML 2Page - TDK Electronics B39431B3727H110 Datasheet HTML 3Page - TDK Electronics B39431B3727H110 Datasheet HTML 4Page - TDK Electronics B39431B3727H110 Datasheet HTML 5Page - TDK Electronics B39431B3727H110 Datasheet HTML 6Page - TDK Electronics B39431B3727H110 Datasheet HTML 7Page - TDK Electronics B39431B3727H110 Datasheet HTML 8Page - TDK Electronics B39431B3727H110 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
December 17, 2012
B3727
433.92 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
433.92
MHz
Maximum insertion attenuation
α
max
433.22 ...
434.62 MHz
2.8
3.7
dB
433.12 ...
434.72 MHz
2.8
3.8
dB
433.10 ...
434.70 MHz1)
1) Temperature range for specification: T = –
30 ˚C to +70 ˚C
2.8
3.7
dB
Amplitude ripple (p-p)
∆α
433.12 ...
434.72 MHz
0.4
1.3
dB
433.10 ...
434.70 MHz1)
0.4
1.3
dB
Input VSWR
433.12 ...
434.72 MHz
1.6
2.0
433.10 ...
434.70 MHz1)
1.6
1.9
Output VSWR
433.12 ...
434.72 MHz
1.6
2.0
433.10 ...
434.70 MHz1)
1.6
1.9
Attenuation
α
10.00 ...
400.00 MHz
57
62
dB
400.00 ...
415.00 MHz
50
57
dB
415.00 ...
425.00 MHz
43
48
dB
425.00 ...
429.00 MHz
21
27
dB
439.00 ...
442.00 MHz
122)
2) T = +25˚C : 20 dB
22
dB
442.00 ...
445.00 MHz
28
32
dB
445.00 ...
452.00 MHz
30
35
dB
452.00 ...
750.00 MHz
48
52
dB
750.00 ... 1900.00 MHz
43
48
dB
1900.00 ... 2500.00 MHz
32
37
dB


Similar Part No. - B39431B3727H110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39431B3727H110 EPCOS-B39431B3727H110 Datasheet
96Kb / 8P
   SAW RF filter Short range devices
More results

Similar Description - B39431B3727H110

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39152B1647U510 TDK-B39152B1647U510 Datasheet
82Kb / 8P
   SAW Components SAW RF filter
B39162B3528U510 TDK-B39162B3528U510 Datasheet
92Kb / 8P
   SAW Components SAW RF filter
B39771B5117U410 TDK-B39771B5117U410 Datasheet
64Kb / 7P
   SAW Components SAW RF filter
B39162B4050U510 TDK-B39162B4050U510 Datasheet
90Kb / 7P
   SAW Components SAW RF filter
B39451B3907U410 TDK-B39451B3907U410 Datasheet
96Kb / 8P
   SAW Components SAW RF filter
B39761B3928U510 TDK-B39761B3928U510 Datasheet
157Kb / 8P
   SAW Components SAW RF filter
B39421B5324Z810 TDK-B39421B5324Z810 Datasheet
159Kb / 8P
   SAW Components SAW RF filter
B39431B3790Z810 TDK-B39431B3790Z810 Datasheet
112Kb / 10P
   SAW Components SAW RF filter
B39232B3404U410 TDK-B39232B3404U410 Datasheet
155Kb / 8P
   SAW Components SAW RF filter
B39351B3408U410 TDK-B39351B3408U410 Datasheet
152Kb / 8P
   SAW Components SAW RF filter
B39361B5074Z810 TDK-B39361B5074Z810 Datasheet
72Kb / 7P
   SAW Components SAW RF filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com