Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39941B8664P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39941B8664P810
Description  SAW duplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39941B8664P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39941B8664P810 Datasheet HTML 1Page - TDK Electronics B39941B8664P810 Datasheet HTML 2Page - TDK Electronics B39941B8664P810 Datasheet HTML 3Page - TDK Electronics B39941B8664P810 Datasheet HTML 4Page - TDK Electronics B39941B8664P810 Datasheet HTML 5Page - TDK Electronics B39941B8664P810 Datasheet HTML 6Page - TDK Electronics B39941B8664P810 Datasheet HTML 7Page - TDK Electronics B39941B8664P810 Datasheet HTML 8Page - TDK Electronics B39941B8664P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Jan 15, 2015
B8664
897.5 / 942.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW duplexer
Data sheet
Application
s
Low-loss SAW duplexer for mobile telephone LTE
and WCDMA Band VIII systems
s
Low insertion attenuation
s
Low amplitude ripple
s
Usable passband 35 MHz
Features
s
Package size 1.8 x 1.4mm2
s
RoHS compatible
s
Approx. weight 0.0035g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
bottom view
top view
side view
0.3
4
0.35
8
4
8
1.8
12
3
6
5
75
6
12
3
7
0.5 max
Pin configuration
s
3
TX input
s
1
RX output
s
6
Antenna
s
2,4,5,7,8
To be grounded


Similar Part No. - B39941B8664P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39941B8605P810 TDK-B39941B8605P810 Datasheet
267Kb / 14P
   SAW duplexer
B39941B8606P810 TDK-B39941B8606P810 Datasheet
263Kb / 14P
   SAW duplexer
B39941B8631P810 TDK-B39941B8631P810 Datasheet
193Kb / 15P
   SAW duplexer
More results

Similar Description - B39941B8664P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com