Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39951B4684Z610 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39951B4684Z610
Description  SAW Rx Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39951B4684Z610 Datasheet(HTML) 4 Page - TDK Electronics

  B39951B4684Z610 Datasheet HTML 1Page - TDK Electronics B39951B4684Z610 Datasheet HTML 2Page - TDK Electronics B39951B4684Z610 Datasheet HTML 3Page - TDK Electronics B39951B4684Z610 Datasheet HTML 4Page - TDK Electronics B39951B4684Z610 Datasheet HTML 5Page - TDK Electronics B39951B4684Z610 Datasheet HTML 6Page - TDK Electronics B39951B4684Z610 Datasheet HTML 7Page - TDK Electronics B39951B4684Z610 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
May 19, 2009
B4684
947.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx Filter
Data Sheet
Characteristics
Temperature range for specification:
T = -10 to +75 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
947.50
MHz
Maximum insertion attenuation
α
max
935.0
...
960.0
MHz
3.1
3.8
dB
Amplitude ripple (p-p)
∆α
935.0
...
960.0
MHz
0.8
1.5
dB
Attenuation
α
0.0
...
600.0
MHz
50
65
dB
600.0
...
700.0
MHz
45
60
dB
700.0
...
890.0
MHz
40
50
dB
890.0
...
915.0
MHz
32
40
dB
915.0
...
927.0
MHz
4
12
dB
980.0
... 1000.0
MHz
20
24
dB
1000.0
... 1030.0
MHz
32
36
dB
1030.0
... 1500.0
MHz
40
50
dB
1500.0
... 1900.0
MHz
35
48
dB
1900.0
... 2500.0
MHz
15
24
dB
2500.0
... 2900.0
MHz
10
18
dB


Similar Part No. - B39951B4684Z610

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39900-B3685-H310 EPCOS-B39900-B3685-H310 Datasheet
75Kb / 6P
   SAW Components Low-Loss Filter 90,00 MHz
B39901-B3772-Z810 EPCOS-B39901-B3772-Z810 Datasheet
89Kb / 6P
   SAW Components Low-loss Filter 902,875 MHz
B39901-B3835-U410 EPCOS-B39901-B3835-U410 Datasheet
64Kb / 6P
   Low-Loss Filter for Mobile Communication
B39901-B4130-U410 EPCOS-B39901-B4130-U410 Datasheet
110Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
B39901-B4179-U510 EPCOS-B39901-B4179-U510 Datasheet
93Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
More results

Similar Description - B39951B4684Z610

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B4323P810 TDK-B39941B4323P810 Datasheet
151Kb / 10P
   SAW Rx filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
   SAW Rx filter
B39881B9844P810 TDK-B39881B9844P810 Datasheet
186Kb / 13P
   SAW Rx Filter
B39881B9857P810 TDK-B39881B9857P810 Datasheet
182Kb / 8P
   SAW Rx Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com