Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA251PA Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA251PA
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA251PA Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA251PA Datasheet HTML 1Page - Burr-Brown (TI) OPA251PA Datasheet HTML 2Page - Burr-Brown (TI) OPA251PA Datasheet HTML 3Page - Burr-Brown (TI) OPA251PA Datasheet HTML 4Page - Burr-Brown (TI) OPA251PA Datasheet HTML 5Page - Burr-Brown (TI) OPA251PA Datasheet HTML 6Page - Burr-Brown (TI) OPA251PA Datasheet HTML 7Page - Burr-Brown (TI) OPA251PA Datasheet HTML 8Page - Burr-Brown (TI) OPA251PA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
OPA241, 2241, 4241
OPA251, 2251, 4251
TYPICAL PERFORMANCE CURVES
At TA = +25°C, and RL = 100kΩ connected to VS/2 (ground for VS = ±15V), unless otherwise noted.
Curves apply to OPA241 and OPA251 unless specified.
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.01
0.1
160
140
120
100
80
60
40
20
0
–20
180
160
140
120
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
Φ
G
V
S = ±15V
V
S = +5V
POWER SUPPLY and COMMON-MODE
REJECTION RATIO vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
–PSRR
+PSRR
CMRR
V
S = ±15V
V
S = ±5V
INPUT VOLTAGE AND CURRENT
NOISE SPECTRAL DENSITY vs FREQUENCY
1k
100
10
1k
100
10
Frequency (Hz)
0.1
1
10
100
1k
10k
Current Noise
Voltage Noise
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
140
130
120
110
100
90
80
70
100
10
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Total Supply Voltage (V)
30
28
26
24
22
0
5
10
15
20
25
30
35
40
Per Amplifier
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
40
35
30
25
20
15
–75
–50
–25
0
25
50
75
100
125
V
S = ±15V
V
S = +5V
Per Amplifier


Similar Part No. - OPA251PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA251PA BURR-BROWN-OPA251PA Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA251PA TI-OPA251PA Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA251PA TI-OPA251PA Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251PA NSC-OPA251PA Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA251PA TI1-OPA251PA Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA251PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com