Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM53-40710V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM53-40710V
Description  High Power Low Cost Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM53-40710V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM53-40710V Datasheet HTML 1Page - List of Unclassifed Manufacturers HM53-40710V Datasheet HTML 2Page - List of Unclassifed Manufacturers HM53-40710V Datasheet HTML 3Page - List of Unclassifed Manufacturers HM53-40710V Datasheet HTML 4Page - List of Unclassifed Manufacturers HM53-40710V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6
6-93
Model HM53 Series
MODEL HM53 SERIES
High Power
Low Cost Inductors
NEW PRODUCT
FEATURES AND BENEFITS
• High current capability
• Single layer, cost effective design
• Available in two styles - horizontal and vertical
ELECTRICAL / ENVIRONMENTAL
Insulation Resistance, Minimum
100 Megohms
Operating Temperature Range
-40°C to +125°C
Ambient Temperature, Maximum
85°C
Insulation System
Class B, 130°C
Temperature Rise, Maximum
40°C
APPLICATIONS
• Switching power supplies
• Motor control circuits
• Differential EMI filters
• Inductor for general purpose use and ripple filters
Specifications subject to change without notice.
Last Update: 01/06/2003.


Similar Part No. - HM53-40710V

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM53-40710_LF TTELEC-HM53-40710_LF Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53-40710_LFH BITECH-HM53-40710_LFH Datasheet
1Mb / 4P
   High Power Low Cost Inductors
HM53-40710_LFV BITECH-HM53-40710_LFV Datasheet
1Mb / 4P
   High Power Low Cost Inductors
HM53-40710_LFVorH BITECH-HM53-40710_LFVorH Datasheet
1Mb / 4P
   High Power Low Cost Inductors
More results

Similar Description - HM53-40710V

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com