Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF3AA-14P-2A Datasheet(PDF) 9 Page - Hirose Electric

Part # DF3AA-14P-2A
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3AA-14P-2A Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF3AA-14P-2A Datasheet HTML 4Page - Hirose Electric DF3AA-14P-2A Datasheet HTML 5Page - Hirose Electric DF3AA-14P-2A Datasheet HTML 6Page - Hirose Electric DF3AA-14P-2A Datasheet HTML 7Page - Hirose Electric DF3AA-14P-2A Datasheet HTML 8Page - Hirose Electric DF3AA-14P-2A Datasheet HTML 9Page - Hirose Electric DF3AA-14P-2A Datasheet HTML 10Page - Hirose Electric DF3AA-14P-2A Datasheet HTML 11Page - Hirose Electric DF3AA-14P-2A Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
(21)Tin plated
(51)Gold plated
(21)Tin plated
(51)Gold plated
A261
BPCB mounting pattern
BTube Size
Note1: Please order the tube packaging product, multipliing the tube package quantity. ( pcs.)
Note2: Please order the emboss packaging product by the reel number. (1 reel : 1000 pcs.)
sRight Angle Pin Header (SMT)
[Specific No.] –* *, (* *)
(20)
:Tin plated tube packaging
(21)
:Tin plated embossed packaging
(Note the number of contacts
for marchandization.)
(50)
:Gold plated tube packaging
(51)
:Gold plated embossded packaging
Unit: mm
Part Number
With Boss
CL No.
DF3- 2P-2H(**)
DF3- 3P-2H(**)
DF3- 4P-2H(**)
DF3- 5P-2H(**)
DF3- 6P-2H(**)
DF3- 7P-2H(**)
DF3- 8P-2H(**)
DF3- 9P-2H(**)
DF3-10P-2H(**)
DF3-11P-2H(**)
DF3-12P-2H(**)
DF3-13P-2H(**)
DF3-14P-2H(**)
DF3-15P-2H(**)
543-0107-3-**
543-0108-6-**
543-0109-9-**
543-0110-8-**
543-0111-0-**
543-0112-3-**
543-0113-6-**
543-0114-9-**
543-0115-1-**
543-0116-4-**
543-0117-7-**
543-0118-0-**
543-0119-2-**
543-0120-1-**
2
4
6
8
10
12
14
16
18
20
22
24
26
28
8.5
10.5
12.5
14.5
16.5
18.5
20.5
22.5
24.5
26.5
28.5
30.5
32.5
34.5
A
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Number of Contacts
Part Number
Without Boss
CL No.
DF3D- 2P-2H(**)
DF3D- 3P-2H(**)
DF3D- 4P-2H(**)
DF3D- 5P-2H(**)
DF3D- 6P-2H(**)
DF3D- 7P-2H(**)
DF3D- 8P-2H(**)
DF3D- 9P-2H(**)
DF3D-10P-2H(**)
DF3D-11P-2H(**)
DF3D-12P-2H(**)
DF3D-13P-2H(**)
DF3D-14P-2H(**)
DF3D-15P-2H(**)
543-0221-9-**
543-0222-1-**
543-0223-4-**
543-0224-7-**
543-0225-0-**
543-0226-2-**
543-0227-5-**
543-0228-8-**
543-0229-0-**
543-0230-0-**
543-0231-2-**
543-0232-5-**
543-0233-8-**
543-0234-0-**
4.8
6.8
8.8
10.8
12.8
14.8
16.8
18.8
20.8
22.8
24.8
26.8
28.8
30.8
C
8.74
10.74
12.74
14.74
16.74
18.74
20.74
22.74
24.74
26.74
28.74
30.74
32.74
34.74
D
41 pcs.
34
30
26
23
21
19
18
17
15
14
14
13
12
Tube Packaging
Quantity
sNumber of Contacts for Embossed Packaging
Available
DF3D-*P-2H
DF3D-*P-2H
KKKKK
K KKK ∞∞ K
KKK
∞∞ K ∞∞∞ KK ∞∞ K
KKKKKKK
KKKK K
KKKKKK KKK ∞∞∞
2
3
4
5
6
7
8
9 101112131415
Numbers of Contacts


Similar Part No. - DF3AA-14P-2A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3AA-14EP-2C HIROSE-DF3AA-14EP-2C Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3AA-14P-2A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com