Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8013CUB Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD8013CUB
Description  0.80 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8013CUB Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD8013CUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8013CUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8013CUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121726
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Single Digit 16 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage
@ IF=20mA
Emitted color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Per Seg.
1.8
2.2
30
60
25
100
Super Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
1.8
2.2
30
60
25
100
Hi-Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
2.1
2.5
30
80
30
100
Orange
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.1
2.5
30
80
30
100
Yellow
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.2
2.5
30
80
30
100
Green
Per DP
2.2
2.5
30
80
30
100
Per Seg.
1.9
2.6
30
60
30
100
Ultra Red
Per DP
1.9
2.6
30
60
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Orange
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Amber
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Yellow
Per DP
2
2.6
30
65
30
100
Per Seg.
2.1
2.6
30
75
30
100
Ultra Green
Per DP
2.1
2.6
30
75
30
100
Per Seg.
3.5
4
30
110
30
100
Pure Green
Per DP
3.5
4
30
110
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra Blue
Per DP
3.5
4
30
120
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra White
Per DP
3.5
4
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD8013CUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8013AD LIGHTKEY-LD8013AD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8013AG LIGHTKEY-LD8013AG Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8013AO LIGHTKEY-LD8013AO Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8013APG LIGHTKEY-LD8013APG Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
More results

Similar Description - LD8013CUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD8012AB LIGHTKEY-LD8012AB Datasheet
155Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8011AB LIGHTKEY-LD8011AB Datasheet
154Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8031CD LIGHTKEY-LD8031CD Datasheet
72Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8021CD LIGHTKEY-LD8021CD Datasheet
162Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD8033AB LIGHTKEY-LD8033AB Datasheet
176Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8041AB LIGHTKEY-LD8041AB Datasheet
170Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8021AB LIGHTKEY-LD8021AB Datasheet
157Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com