Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8031AUW Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD8031AUW
Description  0.80 inch Three Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8031AUW Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD8031AUW Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8031AUW Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8031AUW Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121494
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD8031A (Common Cathode)
11
A
E
8
6 NO CONNECT
10
DIG.1
D
74
B
BC
21
EF
12
53
GDP
B
B
AC
DP
DE
G
F
9
DIG.2
AB
BD
CF
G
DP
DIG.3
LD8031B (Common Anode)
11
A
E
8
6 NO CONNCET
10
DIG.1
74
2
1
D
B
BC
E
F
12
53
GDP
B
B
AC
DP
DE
9
G
F
DIG.2
AB
BD
CF
G
DIG.3
DP
Selection Guide
Three Digit 7 Segment LED Display, Digit Height:20.30mm(0.80 inch), External Dimensions: 59.2
0x27.50x8.30mm (L x W x H )
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD8031AR
LD8031BR
GaAlAs
Super Red
640
8
10
8
10
LD8031AD
LD8031BD
GaAlAs
Hi-Red
640
18
25
18
25
LD8031AO
LD8031BO
GaAsP
Orange
625
7
9
7
9
LD8031AY
LD8031BY
GaAsP
Yellow
588
8
10
8
10
LD8031AG
LD8031BG
GaP
Green
568
7
9
7
9
LD8031AUR
LD8031BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD8031AUO
LD8031BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD8031AUA
LD8031BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD8031AUY
LD8031BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD8031AUG
LD8031BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD8031APG
LD8031BPG
InGaN
Pure Green
525
120
300
120
300
LD8031AUB
LD8031BUB
InGaN
Ultra Blue
470
30
45
30
45
LD8031AUW
LD8031BUW
SMD
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD8031AUW

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LD8031AH INTEL-LD8031AH Datasheet
762Kb / 21P
   MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
More results

Similar Description - LD8031AUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8031CD LIGHTKEY-LD8031CD Datasheet
72Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8033AB LIGHTKEY-LD8033AB Datasheet
176Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8012AB LIGHTKEY-LD8012AB Datasheet
155Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8011AB LIGHTKEY-LD8011AB Datasheet
154Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8021CD LIGHTKEY-LD8021CD Datasheet
162Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD8041AB LIGHTKEY-LD8041AB Datasheet
170Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8021AB LIGHTKEY-LD8021AB Datasheet
157Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com