Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8041BR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD8041BR
Description  0.80 inch Four Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8041BR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD8041BR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8041BR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8041BR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121731
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Four Digit 7 Segment LED Display
Internal Circuit Diagram
LD8041A (Common Cathode)
11
4
2
57
89
6
A B CDE F
G DP
1
A B
CDE F
G DP
3
A B CDE F
G DP
10
A B CDE F
G DP
12
DIG. 1
DIG. 2
DIG. 3
DIG. 4
LD8041B (Common Anode)
11
4
2
57
89
6
A B CDE F
G DP
1
A B
CDE F
G DP
3
A B CDE F
G D P
10
A B CDE F
G DP
12
DIG. 1
DIG. 2
DIG. 3
DIG. 4
Selection Guide
Four Digits 7 Segment LED Display, Digit Height: 20.40mm(0.80inch), External Dimensions:
71.6x25.7x8.5mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD8041AR
LD8041BR
GaAlAs
Super Red
640
8
10
8
10
LD8041AD
LD8041BD
GaAlAs
Hi-Red
640
18
25
18
25
LD8041AO
LD8041BO
GaAsP
Orange
625
7
9
7
9
LD8041AY
LD8041BY
GaAsP
Yellow
588
8
10
8
10
LD8041AG
LD8041BG
GaP
Green
568
7
9
7
9
LD8041AUR
LD8041BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD8041AUO
LD8041BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD8041AUA
LD8041BUA
AlGaInP
Ultra Amber
65
30
45
30
45
LD8041AUY
LD8041BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD8041AUG
LD8041BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD8041APG
LD8041BPG
InGaN
Pure Green
525
120
300
120
300
LD8041AUB
LD8041BUB
InGaN
Ultra Blue
470
30
45
30
45
LD8041AUW
LD8041BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD8041BR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8041CG LIGHTKEY-LD8041CG Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8041CO LIGHTKEY-LD8041CO Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8041CPG LIGHTKEY-LD8041CPG Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8041CR LIGHTKEY-LD8041CR Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
More results

Similar Description - LD8041BR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
   0.80 inch Four Digit 7 Segment LED Display
LD8031CD LIGHTKEY-LD8031CD Datasheet
72Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8012AB LIGHTKEY-LD8012AB Datasheet
155Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8011AB LIGHTKEY-LD8011AB Datasheet
154Kb / 3P
   0.80 inch Single Digit 7 Segment LED Display
LD8021CD LIGHTKEY-LD8021CD Datasheet
162Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD8033AB LIGHTKEY-LD8033AB Datasheet
176Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8021AB LIGHTKEY-LD8021AB Datasheet
157Kb / 3P
   0.80 inch Dual Digit 7 Segment LED Display
LD5645AB LIGHTKEY-LD5645AB Datasheet
161Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5643AB LIGHTKEY-LD5643AB Datasheet
178Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com