Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD10012BR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD10012BR
Description  1.00 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD10012BR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD10012BR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD10012BR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD10012BR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121733
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD10012A (Common Cathode)
LD10012B (Common Anode)
F
G
EF
DP
E
D
C
B
D
C
B
A
1
7
6
2
4
10
9
5
7
6
4
2
1
3,8
3,8
GDP
10
9
5
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 25.40mm(1.00inch), External Dimensions:
22.50x33.00x8.50mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD10012AR
LD10012BR
GaAlAs
Super Red
640
12
15
8
10
LD10012AD
LD10012BD
GaAlAs
Hi-Red
640
27
37.5
18
25
LD10012AO
LD10012BO
GaAsP
Orange
625
10.5
13.5
7
9
LD10012AY
LD10012BY
GaAsP
Yellow
588
12
15
8
10
LD10012AG
LD10012BG
GaP
Green
568
10.5
13.5
7
9
LD10012AUR
LD10012BUR
AlGaInP
Ultra Red
640
45
67.5
30
45
LD10012AUO
LD10012BUO
AlGaInP
Ultra Orange
625
67.5
90
45
60
LD10012AUA
LD10012BUA
AlGaInP
Ultra Amber
605
45
67.5
30
45
LD10012AUY
LD10012BUY
AlGaInP
Ultra Yellow
595
45
67.5
30
45
LD10012AUG
LD10012BUG
AlGaInP
Ultra Green
573
45
67.5
30
45
LD10012APG
LD10012BPG
InGaN
Pure Green
525
180
450
120
300
LD10012AUB
LD10012BUB
InGaN
Ultra Blue
470
45
67.5
30
45
LD10012AUW
LD10012BUW
SMD
Ultra White
\
150
180
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD10012BR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10013AD LIGHTKEY-LD10013AD Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10013AG LIGHTKEY-LD10013AG Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10013AO LIGHTKEY-LD10013AO Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10013APG LIGHTKEY-LD10013APG Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
More results

Similar Description - LD10012BR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
   1.00 inch Single Digit 7 Segment Dual-color LED Display
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10017AB LIGHTKEY-LD10017AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com