Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD10017AUB Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD10017AUB
Description  1.00 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD10017AUB Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD10017AUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD10017AUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD10017AUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121738
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 16 Segment LED Display
LD10017A/B Series - 1.00 inch Single Digit 16 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
25.40 mm (1.00 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
C
A2
D1 D2
DP1
G1
G2
B
E
F
H
I
J
M
L K
A1
DP2
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD10017AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AD LIGHTKEY-LD10012AD Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AG LIGHTKEY-LD10012AG Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AO LIGHTKEY-LD10012AO Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012APG LIGHTKEY-LD10012APG Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD10017AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
   1.00 inch Single Digit 7 Segment Dual-color LED Display
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com