Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD23011IUY Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD23011IUY
Description  2.30 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD23011IUY Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD23011IUY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD23011IUY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD23011IUY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121747
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD23011I (Common Cathode)
LD23011J (Common Anode)
7
A
6
B
4
C
DP
2
D
1
E
G
9
F
10
5
3,8
7
A
4
6
B
C
DP
1
2
D
E
910
G
F
5
3,8
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 56.8mm(2.30 inch), External Dimensions:
47.80x69.70x12.00mm (L x W x H )
Part No.
Chip
IV@IF=20mA
IV@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD23011IR
LD23011JR
GaAlAs
Super Red
640
24
30
12
15
LD23011ID
LD23011JD
GaAlAs
Hi-Red
640
54
75
27
37.5
LD23011IO
LD23011JO
GaAsP
Orange
625
21
27
10.5
13.5
LD23011IY
LD23011JY
GaAsP
Yellow
588
24
30
12
15
LD23011IG
LD23011JG
GaP
Green
568
21
27
10.5
13.5
LD23011IUR
LD23011JUR
AlGaInP
Ultra Red
640
90
135
45
67.5
LD23011IUO
LD23011JUO
AlGaInP
Ultra Orange
625
135
180
67.5
90
LD23011IUA
LD23011JUA
AlGaInP
Ultra Amber
605
90
135
45
67.5
LD23011IUY
LD23011JUY
AlGaInP
Ultra Yellow
595
90
135
45
67.5
LD23011IUG
LD23011JUG
AlGaInP
Ultra Green
573
90
135
45
67.5
LD23011IPG
LD23011JPG
InGaN
Pure Green
525
360
900
180
450
LD23011IUB
LD23011JUB
InGaN
Ultra Blue
470
90
135
45
67.5
LD23011IUW
LD23011JUW
InGaN
Ultra White
\
300
360
150
180
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD23011IUY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD23011ABRG LIGHTKEY-LD23011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
LD23011AD LIGHTKEY-LD23011AD Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD23011AG LIGHTKEY-LD23011AG Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD23011AO LIGHTKEY-LD23011AO Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD23011IUY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD12011ABRG LIGHTKEY-LD12011ABRG Datasheet
92Kb / 3P
   1.20 inch Single Digit 7 Segment LED Display
LD15011AB LIGHTKEY-LD15011AB Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com