Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD30014BUW Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD30014BUW
Description  3.00 inch Single Digit 7 Segment big assembly LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD30014BUW Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD30014BUW Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD30014BUW Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD30014BUW Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121753
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 3.00 inch Single Digit 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage@
IF=20mA
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Super Red
Per Seg.
10.8
13.2
80
720
50
200
Hi-Red
Per Seg.
10.8
13.2
80
720
50
200
Orange
Per Seg.
12.6
15
80
960
60
200
Yellow
Per Seg.
12.6
15
80
960
60
200
Green
Per Seg.
13.2
15
80
960
60
200
Ultra Red
Per Seg.
11.4
15.6
80
720
60
200
Ultra Orange
Per Seg.
12
15.6
80
780
60
200
Ultra Amber
Per Seg.
12
15.6
80
780
60
200
Ultra Yellow
Per Seg.
12
15.6
80
780
60
200
Ultra Green
Per Seg.
12.6
15.6
80
900
60
200
Pure Green
Per Seg.
21
24
80
1320
60
200
Ultra Blue
Per Seg.
21
24
80
1440
60
200
Ultra White
Per Seg.
21
24
80
1440
60
200
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD30014BUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD30011AB LIGHTKEY-LD30011AB Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011ABRG LIGHTKEY-LD30011ABRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AD LIGHTKEY-LD30011AD Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AG LIGHTKEY-LD30011AG Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AO LIGHTKEY-LD30011AO Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD30014BUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AB LIGHTKEY-LD30011AB Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011ABRG LIGHTKEY-LD30011ABRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com