Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK446-800A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUK446-800A
Description  SOA is Power Dissipation Limited
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUK446-800A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUK446-800A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUK446-800A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUK445-800A/B
DESCRIPTION
·2A, 800V
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• Majority Carrier Device
• Related Literature
APPLICATIONS
·use in Switched Mode Power Supplies (SMPS),
motor control,welding, And in general purpose switching
resistance application
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
800
V
VGS
Gate-Source Voltage
±30
V
ID
Drain
Current-continuous
@ TC=37℃
BUK446-800A
2.0
A
BUK446-800B
1.7
Ptot
Total Dissipation@TC=25℃
30
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.16
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
55
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUK446-800A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK446-800A PHILIPS-BUK446-800A Datasheet
64Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
More results

Similar Description - BUK446-800A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK444-800B ISC-BUK444-800B Datasheet
67Kb / 2P
   SOA is Power Dissipation Limited
BUZ84 ISC-BUZ84 Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
2N6898 ISC-2N6898 Datasheet
47Kb / 2P
   SOA is power-dissipation limited
BUZ42 ISC-BUZ42 Datasheet
66Kb / 2P
   SOA is Power Dissipation Limited
BUZ40B ISC-BUZ40B Datasheet
66Kb / 2P
   SOA is Power Dissipation Limited
BUZ64 ISC-BUZ64 Datasheet
66Kb / 2P
   SOA is Power Dissipation Limited
BUZ34 ISC-BUZ34 Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
BUZ15 ISC-BUZ15 Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
BUZ36 ISC-BUZ36 Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
BUZ45A ISC-BUZ45A Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
BUZ60B ISC-BUZ60B Datasheet
66Kb / 2P
   SOA is Power Dissipation Limited
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com