Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULC0514P10 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC0514P10
Description  USB 2.0 power and data line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULC0514P10 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULC0514P10 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC0514P10 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC0514P10 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC0514P10 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC0514P10 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC0514P10 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC0514P10 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ULC0514P10
Rev : 01.06.2014
4/
www.leiditech.com
Eye Height : measure of the vertical opening.
Determine eye closure due to noise.
from its ideal time caused by reflections relative
5
9
Bit Rate : inverse of the bit period.
data from the 10% level to the 90% level on the
upward slope.
4
Fall Time : measure of the transition time of the
1
Zero Level : measure of the mean value of the logical 0.
2
One Level : measure of the mean value of the logical 1.
3
Rise Time : measure of the transition time of the
Eye Diagram
6
Eye Width : measure of the horizontal opening.
to other transitions.
8
Eye Amplitude : difference between the logic 0
level and the logic 1 level histogram mean value.
Determine influence of jitter on the eye opening.
7
Deterministic Jitter : deviation of a transition
data from the 90% level to the 10% level on the
downward slope.
7


Similar Part No. - ULC0514P10

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ULC0514P10 UNSEMI-ULC0514P10 Datasheet
1Mb / 8P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ULC0514P10

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
   USB 2.0 power and data line
SMD24A LEIDITECH-SMD24A Datasheet
252Kb / 3P
   USB 2.0 power and data line
SMDA24C-8 LEIDITECH-SMDA24C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
   USB 2.0 power and data line
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
   USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
   USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
   USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
   USB 2.0 power and data line
SMDA15C-8 LEIDITECH-SMDA15C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
   USB 2.0 power and data line
SD24C LEIDITECH-SD24C Datasheet
131Kb / 3P
   USB 2.0 power and data line
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com