Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA203600BT-7127E3 Datasheet(PDF) 3 Page - TDK Electronics

Part # DEA203600BT-7127E3
Description  Multilayer Band Pass Filter (Balance Output Type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA203600BT-7127E3 Datasheet(HTML) 3 Page - TDK Electronics

  DEA203600BT-7127E3 Datasheet HTML 1Page - TDK Electronics DEA203600BT-7127E3 Datasheet HTML 2Page - TDK Electronics DEA203600BT-7127E3 Datasheet HTML 3Page - TDK Electronics DEA203600BT-7127E3 Datasheet HTML 4Page - TDK Electronics DEA203600BT-7127E3 Datasheet HTML 5Page - TDK Electronics DEA203600BT-7127E3 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150605 / rf_bpf_dea203600bt-7127e3_en.fm
20150605 / rf_bpf_dea203600bt-7127e3_en.fm
DEA203600BT-7127E3
ELECTRICAL CHARACTERISTICS
・Ta: +25±5°C
TEMPERATURE RANGE
Item
Frequency Range
(MHz)
Min.
Typ.
Max.
Unbalanced Port Characteristic Impedance (
:)
50 (Nominal)
Balanced Port Characteristic Impedance (
:)
100 (Nominal)
Insertion Loss (dB)
3400 to 3800
1.5
2.4
Ripple (dB)
3400 to 3800
0.1
2.0
Attenuation (dB)
500 to 800
15
52
800 to 960
25
50
1700 to 1900
27
45
1900 to 1980
27
45
2300 to 2690
15
29
5150 to 5875
15
28
Return Loss at Unbalanced Port (dB)
3400 to 3800
9
12.6
Phase Balance (deg.)
3400 to 3800
160
181
200
Amplitude Balance (dB)
3400 to 3800
0.2
2.0
Operating temperature
Storage temperature
(°C)
(°C)
–40 to +85
–40 to +85


Similar Part No. - DEA203600BT-7127E3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA203600BT-1240B2 TDK-DEA203600BT-1240B2 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
More results

Similar Description - DEA203600BT-7127E3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA202450BT-7100C1 TDK-DEA202450BT-7100C1 Datasheet
80Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7077A1 TDK-DEA202450BT-7077A1 Datasheet
96Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7112B1 TDK-DEA202450BT-7112B1 Datasheet
82Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7099A1 TDK-DEA202450BT-7099A1 Datasheet
81Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA212450BT-7031A1 TDK-DEA212450BT-7031A1 Datasheet
73Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA215425BT-7075C2 TDK-DEA215425BT-7075C2 Datasheet
126Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA252450BT-7012D1 TDK-DEA252450BT-7012D1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA252450BT-7014D1 TDK-DEA252450BT-7014D1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7112E1 TDK-DEA202450BT-7112E1 Datasheet
81Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7210A1 TDK-DEA202450BT-7210A1 Datasheet
79Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com