Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA205375BT-2054A1 Datasheet(PDF) 5 Page - TDK Electronics

Part # DEA205375BT-2054A1
Description  Multilayer Band Pass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA205375BT-2054A1 Datasheet(HTML) 5 Page - TDK Electronics

  DEA205375BT-2054A1 Datasheet HTML 1Page - TDK Electronics DEA205375BT-2054A1 Datasheet HTML 2Page - TDK Electronics DEA205375BT-2054A1 Datasheet HTML 3Page - TDK Electronics DEA205375BT-2054A1 Datasheet HTML 4Page - TDK Electronics DEA205375BT-2054A1 Datasheet HTML 5Page - TDK Electronics DEA205375BT-2054A1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150601 / rf_bpf_dea205375bt-2054a1_en.fm
20150601 / rf_bpf_dea205375bt-2054a1_en.fm
DEA205375BT-2054A1
RECOMMENDED REFLOW PROFILE
Soaking
Working
Soldering Peak
Temp.
Time
Temp.
Time
Temp.
Time
Temp.
T1
T2
t1
T3
t2
T4
t3
T5
150°C
180°C
60 to 120s
230°C
more than 30s
247 to 253°C
within 10s
260°C max.
t3
t1
Soaking
t2
Working
T3
T3
T4
T4
T5
T2
T1
t: Time
Soldering
Peak


Similar Part No. - DEA205375BT-2054A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA205425BT-1209B2 TDK-DEA205425BT-1209B2 Datasheet
73Kb / 6P
   Multilayer Band Pass Filter
DEA205425BT-2028A4 TDK-DEA205425BT-2028A4 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter
DEA205437BT-1200 TDK-DEA205437BT-1200 Datasheet
73Kb / 6P
   Multilayer Band Pass Filter
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
   Multilayer Chip Band Pass Filters
More results

Similar Description - DEA205375BT-2054A1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252400BT-2030A1 TDK-DEA252400BT-2030A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2031A1 TDK-DEA252450BT-2031A1_16 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2063C1 TDK-DEA252450BT-2063C1_16 Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA255787BT-2044A1 TDK-DEA255787BT-2044A1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-1283A2 TDK-DEA202450BT-1283A2 Datasheet
71Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-2114F1 TDK-DEA202450BT-2114F1 Datasheet
72Kb / 6P
   Multilayer Band Pass Filter
DEA202450BT-3201B2 TDK-DEA202450BT-3201B2 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA162450BT-1298A1 TDK-DEA162450BT-1298A1 Datasheet
77Kb / 7P
   Multilayer Band Pass Filter
DEA162450BT-2096A1-H TDK-DEA162450BT-2096A1-H Datasheet
74Kb / 6P
   Multilayer Band Pass Filter
DEA252450BT-2080B2 TDK-DEA252450BT-2080B2_16 Datasheet
75Kb / 6P
   Multilayer Band Pass Filter
DEA105425BT-1293A1 TDK-DEA105425BT-1293A1 Datasheet
70Kb / 6P
   Multilayer Band Pass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com