Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22-1416PC Datasheet(PDF) 8 Page - Hirose Electric

Part # DF22-1416PC
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22-1416PC Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF22-1416PC Datasheet HTML 4Page - Hirose Electric DF22-1416PC Datasheet HTML 5Page - Hirose Electric DF22-1416PC Datasheet HTML 6Page - Hirose Electric DF22-1416PC Datasheet HTML 7Page - Hirose Electric DF22-1416PC Datasheet HTML 8Page - Hirose Electric DF22-1416PC Datasheet HTML 9Page - Hirose Electric DF22-1416PC Datasheet HTML 10Page - Hirose Electric DF22-1416PC Datasheet HTML 11Page - Hirose Electric DF22-1416PC Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Shown with terminated and installed contacts.
No. of contacts
indicator
Cavity No.
9.3
A
1
A
No. of contacts
indicator
Cavity No.
Contact No. 1
indicator
10.5
B
Contact No.1
3
A
1
2
3
1 Pos.
2, 3 Pos.
Shown with terminated and installed contacts.
sIn-line Plug
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
A
B
DF22A-1EP-7.92C
DF22A-2EP-7.92C
DF22A-3EP-7.92C
1
2
3
9.30
18.00
26.00
-----
7.92
15.84
Standard Type (Guide Key: Inside, Color: Natural Beige)
680-1053-0
680-1054-2
680-1055-5
CL No.
Part Number
Number of contacts
A
B
DF22AR-1EP-7.92C
DF22AR-2EP-7.92C
DF22AR-3EP-7.92C
1
2
3
9.30
18.00
26.00
-----
7.92
15.84
R Type (Guide Key: Right Side, Color: Black)
CL No.
Part Number
Number of contacts
A
B
DF22AL-1EP-7.92C
DF22AL-2EP-7.92C
DF22AL-3EP-7.92C
1
2
3
9.30
18.00
26.00
-----
7.92
15.84
L Type (Guide Key: Left Side, Color: Red)
Reserved for
product expansion
Reserved for
product expansion


Similar Part No. - DF22-1416PC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1DS-7.92C HIROSE-DF22-1DS-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1EP-7.92C HIROSE-DF22-1EP-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1P-7.92C HIROSE-DF22-1P-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 16 DF22-1P-7.92DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com