Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPS075080 Datasheet(PDF) 2 Page - CUI INC

Part # EPS075080
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPS075080 Datasheet(HTML) 2 Page - CUI INC

  EPS075080 Datasheet HTML 1Page - CUI INC EPS075080 Datasheet HTML 2Page - CUI INC EPS075080 Datasheet HTML 3Page - CUI INC EPS075080 Datasheet HTML 4Page - CUI INC EPS075080 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: EPS 6W │ DESCRIPTION: AC-DC POWER SUPPLY
date 04/18/2013
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
100
132
Vac
frequency
47
63
Hz
current
0.15
A
inrush current1
15V, 18V and 24V model at 100 Vac
at 132 Vac
15
30
A
A
all other models
at 132 Vac
40
A
no load power consumption
level IV models
level V models
0.5
0.3
W
W
Notes:
1. inrush lasts no longer than 0.5 ms before settling to steady state current
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
all other models
7.5V model
±1
±2
%
%
load regulation
±5
%
temperature coefficient
0 ~ 40°C, full load, after initial 1 hour warm-up
±0.02
%/°C
start-up
time needed to reach regulation
3
s
hold-up
at 115 Vac, full load
10
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
clamped by internal protection zener
short circuit protection
continuous, auto-recovery upon removal of short
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 10 mA for 1 minute
3,000
4,242
Vdc
Vdc
isolation resistance
input to output at 500 Vdc
100
MΩ
safety approvals
UL 1310
safety
class II
EMI/EMC
FCC Part 15 Class B
leakage current
0.25
mA
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-10
70
°C
operating humidity
20
80
%
storage humidity
10
90
%
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - EPS075080

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPS075080 CUI-EPS075080 Datasheet
152Kb / 4P
   SWITCHING POWER SUPPLY
More results

Similar Description - EPS075080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com