Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPSA120100U Datasheet(PDF) 1 Page - CUI INC

Part # EPSA120100U
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120100U Datasheet(HTML) 1 Page - CUI INC

  EPSA120100U Datasheet HTML 1Page - CUI INC EPSA120100U Datasheet HTML 2Page - CUI INC EPSA120100U Datasheet HTML 3Page - CUI INC EPSA120100U Datasheet HTML 4Page - CUI INC EPSA120100U Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
08/21/2012
page
1 of 5
SERIES:
EPSA 12W │ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
EPSA050250U
5
2.5
12
50
V
EPSA060200U
6
2
12
60
V
EPSA090130U
9
1.3
12
100
V
EPSA120100U
12
1
12
120
V
Notes:
1. At full load, 100 ~ 240 Vac input, 20 MHz bandwidth oscilloscope, each output terminated with 10 μF aluminum electrolytic and 0.1 μF ceramic capacitors.
PART NUMBER KEY
EPSA050250U - XX - EJ - CXX
DC Plug Type
Factory
Designation
Base Number
example of 5 Vdc, 2.5 A
Reserved for Custom
Configurations
FEATURES
• up to 12 W power
• universal input (90~264 Vac)
• single regulated output from 5~12 V
• over voltage, over current, and short circuit protections
• UL/cUL safety approvals
• level V efficiency
• custom designs available
RoHS
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - EPSA120100U

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPSA120100U CUI-EPSA120100U Datasheet
230Kb / 4P
   12 W WALL PLUG - SWITCHING POWER SUPPLY
EPSA120100U CUI-EPSA120100U Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120100UB CUI-EPSA120100UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120100UB CUI-EPSA120100UB Datasheet
352Kb / 5P
   AC-DC POWER SUPPLY
EPSA120100UE CUI-EPSA120100UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
More results

Similar Description - EPSA120100U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com