Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPSA120200U Datasheet(PDF) 4 Page - CUI INC

Part # EPSA120200U
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120200U Datasheet(HTML) 4 Page - CUI INC

  EPSA120200U_14 Datasheet HTML 1Page - CUI INC EPSA120200U_14 Datasheet HTML 2Page - CUI INC EPSA120200U_14 Datasheet HTML 3Page - CUI INC EPSA120200U_14 Datasheet HTML 4Page - CUI INC EPSA120200U_14 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 12/10/2014
│ page 4 of 5
CUI Inc
│ SERIES: EPSA 24W │ DESCRIPTION: AC-DC POWER SUPPLY
OUTPUT PLUG OPTIONS
Stripped and Tinned
*Tip positive
14±0.5
14±0.5
C
C
D
C
C
C
P1R
P1
Right Angle PXR
Standard PX
Right Angle PXXR
ST
Stripped and Tinned
PXX X X
Standard PXX
N = Center Negative
Plug Polarity:
“Blank” = N/A
P = Center Positive
Plug Angle:
“Blank” = Standard
R = Right Angle
Plug Type
DC PLUG TYPE
EIAJ Plugs
Locking DC Plug
Standard DC Plug
3.5 mm Phono Plug
25±5
9±2
*Contact CUI for additional output plug options.
A
B
C
Unit
P5/P5R
5.5
2.1
9.5
mm
P6/P6R
5.5
2.5
9.5
mm
P7/P7R
3.5
1.35
9.5
mm
P8/P8R
3.8
1.35
9.5
mm
P9/P9R
3.8
1.05
9.5
mm
A
B
C
Unit
P10
5.5
2.1
9.5
mm
P11
5.5
2.5
9.5
mm
EIAJ
A
B
C
D
Unit
P12/P12R EIAJ-1 2.35
0.7
9.5 NA mm
P13/P13R EIAJ-2
4.0
1.7
9.5 5.0 mm
P14/P14R EIAJ-3 4.75
1.7
9.5 5.0 mm
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - EPSA120200U_14

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
   SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
553Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - EPSA120200U_14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com