Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H1G0838C-TCA0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4H1G0838C-TCA0
Description  128Mb DDR SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H1G0838C-TCA0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4H1G0838C-TCA0 Datasheet HTML 2Page - Samsung semiconductor K4H1G0838C-TCA0 Datasheet HTML 3Page - Samsung semiconductor K4H1G0838C-TCA0 Datasheet HTML 4Page - Samsung semiconductor K4H1G0838C-TCA0 Datasheet HTML 5Page - Samsung semiconductor K4H1G0838C-TCA0 Datasheet HTML 6Page - Samsung semiconductor K4H1G0838C-TCA0 Datasheet HTML 7Page - Samsung semiconductor K4H1G0838C-TCA0 Datasheet HTML 8Page - Samsung semiconductor K4H1G0838C-TCA0 Datasheet HTML 9Page - Samsung semiconductor K4H1G0838C-TCA0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
- 6 -
REV. 1.0 November. 2. 2000
128Mb DDR SDRAM
Table 1 : Operating frequency and DLL jitter
Table 2. : Column address configurtion
Table 3 : Input/Output function description
Table 4 : Burst address ordering for burst length
Table 5 : Bank selection for precharge by bank address bits
Table 6 : Operating description when new command asserted while
read with auto precharge is issued
Table 7 : Operating description when new command asserted while
write with auto precharge is issued
Table 8 : Command truth table
Table 9-1 : Functional truth table
Table 9-2 : Functional truth table (contiued)
Table 9-3 : Functional truth table (contiued)
Table 9-4 : Functional truth table (contiued)
Table 9-5 : Functional truth table (cotinued)
Table 10 : Absolute maximum raings
Table 11 : DC operating condtion
Table 12 : DC specification
Table 13 : AC operating condition
Table 14 : AC timing parameters and specifications
Table 15 : AC operating test conditions
Table 16 : Input/Output capacitance
Table 17 : Pull down and pull up current values
List of tables
10
11
12
17
19
30
31
34
35
36
37
38
39
40
40
42
42
44
45
45
47


Similar Part No. - K4H1G0838C-TCA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H1G0838A SAMSUNG-K4H1G0838A Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
K4H1G0838A-UC/LA2 SAMSUNG-K4H1G0838A-UC/LA2 Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
K4H1G0838A-UC/LB3 SAMSUNG-K4H1G0838A-UC/LB3 Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
K4H1G0838A-UC/LCC SAMSUNG-K4H1G0838A-UC/LCC Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
K4H1G0838AUC/LB0 SAMSUNG-K4H1G0838AUC/LB0 Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
More results

Similar Description - K4H1G0838C-TCA0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
HY5DU28422DT HYNIX-HY5DU28422DT Datasheet
409Kb / 33P
   128Mb-S DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com