Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSF-75 Datasheet(PDF) 3 Page - CUI INC

Part # PSF-75
Description  AC-DC POWER SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSF-75 Datasheet(HTML) 3 Page - CUI INC

  PSF-75 Datasheet HTML 1Page - CUI INC PSF-75 Datasheet HTML 2Page - CUI INC PSF-75 Datasheet HTML 3Page - CUI INC PSF-75 Datasheet HTML 4Page - CUI INC PSF-75 Datasheet HTML 5Page - CUI INC PSF-75 Datasheet HTML 6Page - CUI INC PSF-75 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 12/12/2014
page 3 of 7
CUI Inc
│ SERIES: PSF-75 │ DESCRIPTION: AC-DC POWER SUPPLY
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-20
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
10
90
%
vibration
at 10~500 Hz, 10 min per cycle for 60 minutes
each test along the X, Y, and Z axis
2
G
DERATING CURVES
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
open frame: 123 x 95 x 31
enclosed: 129.5 x 97.5 x 37.5
mm
mm
weight
open frame
enclosed
0.33
0.46
kg
kg
Load vs. Temperature
Load vs. Input Voltage
(at 25°C)
100
80
60
40
20
Ambient Temperature (°C)
Safe operating area
40
30
20
10
0
-10
-20
0
50
60
70
50
100
80
60
40
20
Input Voltage (Vac) 60 Hz
120
115
110
105
100
95
90
0
264
For more information, please visit the product page.


Similar Part No. - PSF-75

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSF-100 CUI-PSF-100 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-A CUI-PSF-100-A Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-B CUI-PSF-100-B Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-C CUI-PSF-100-C Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-D CUI-PSF-100-D Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
More results

Similar Description - PSF-75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com