Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPHE010C351-50 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # BPHE010C351-50
Description  10W LED Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

BPHE010C351-50 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  BPHE010C351-50 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. BPHE010C351-50 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. BPHE010C351-50 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10W LED Driver
10W-BPH Series
Constant Current Mode
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
DIMENSIONS
*REFERENCE: www.linkcom.com.tw
Tc Max.
BPHE010C451 as Tc Max. Reference
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - BPHE010C351-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPHE010C351 LINKCOM-BPHE010C351 Datasheet
356Kb / 2P
   AC TO DC LED DRIVER
BPHE010C351 LINKCOM-BPHE010C351 Datasheet
509Kb / 4P
   LED Driver
BPHE010C351 LINKCOM-BPHE010C351_14 Datasheet
247Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
More results

Similar Description - BPHE010C351-50

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SSL-10W TEC-SSL-10W Datasheet
606Kb / 2P
   10W Triac Dimmable LED Driver
logo
Phihong USA Inc.
PDA010N-350B-R PHIHONG-PDA010N-350B-R Datasheet
272Kb / 3P
   10W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
   10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
   10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
   10W Power Light LED
logo
Inventronics Inc.
LUC-010SXXXDSM INVENTRONICS-LUC-010SXXXDSM Datasheet
337Kb / 10P
   10W Constant Current IP20 Driver
Rev. K
logo
Phihong USA Inc.
PDA010B-700C PHIHONG-PDA010B-700C Datasheet
142Kb / 3P
   10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
PDA010A-700C PHIHONG-PDA010A-700C Datasheet
154Kb / 3P
   10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
logo
Richtek Technology Corp...
RT9118 RICHTEK-RT9118 Datasheet
375Kb / 14P
   10W Stereo Class-D Speaker Driver
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
   10W10W10W/15W TRIPLE AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com