Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9463J22100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9463J22100
Description  20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9463J22100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9463J22100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9463J22100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9463J22100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
400
16.0
Max. Operating Voltage - UL:
Voltage
300 V RMS (UL AWM Style 2464)
Other Electrical Characteristic 1:
DC Resistance Unbalanced: .77 Ohms/1000 ft Max
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9463 J22U1000
1,000 FT
38.000 LB
BLUE, STRONG
78 OHM TWINAX
9463 J22U500
500 FT
19.500 LB
BLUE, STRONG
78 OHM TWINAX
9463 J22100
100 FT
4.400 LB
BLUE, STRONG
78 OHM TWINAX
9463 J221000
1,000 FT
39.000 LB
BLUE, STRONG
C
78 OHM TWINAX
9463 J22500
500 FT
18.000 LB
BLUE, STRONG
78 OHM TWINAX
9463 J226000
6,000 FT
234.000 LB
BLUE, STRONG
C Z
78 OHM TWINAX
9463 0011000
1,000 FT
39.000 LB
BROWN
78 OHM TWINAX
9463 00110000
10,000 FT
380.000 LB
BROWN
C Z
78 OHM TWINAX
9463 0016000
6,000 FT
234.000 LB
BROWN
C Z
78 OHM TWINAX
9463 0031000
1,000 FT
39.000 LB
ORANGE
C
78 OHM TWINAX
9463 00310000
10,000 FT
380.000 LB
ORANGE
C Z
78 OHM TWINAX
9463 0036000
6,000 FT
234.000 LB
ORANGE
C Z
78 OHM TWINAX
9463 0071000
1,000 FT
39.000 LB
VIOLET
C
00 OHM TWINAX
9463 0076000
6,000 FT
234.000 LB
VIOLET
C Z
78 OHM TWINAX
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Revision Number: 1
Revision Date: 03-07-2008
© 2008 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9463 Twinax - Blue Hose® Cable


Similar Part No. - 9463J22100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9463J22100 ETC2-9463J22100 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
logo
Belden Inc.
9463J22100 BELDEN-9463J22100 Datasheet
270Kb / 3P
   Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
logo
List of Unclassifed Man...
9463J221000 ETC2-9463J221000 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
logo
Belden Inc.
9463J221000 BELDEN-9463J221000 Datasheet
270Kb / 3P
   Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
More results

Similar Description - 9463J22100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
28383 ETC2-28383 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1748320 ETC2-1748320 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9892 ETC2-9892 Datasheet
104Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
1351322 ETC2-1351322 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
1344170 ETC2-1344170 Datasheet
98Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors
1345981 ETC2-1345981 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
28469 ETC2-28469 Datasheet
33Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1348165 ETC2-1348165 Datasheet
100Kb / 3P
   25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com