Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9832060100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9832060100
Description  24 AWG stranded (7x32) TC conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9832060100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9832060100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9832060100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9832060100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9832 060100
100 FT
6.600 LB
CHROME
5 PR #24 PER SH PVC
9832 0601000
1,000 FT
65.000 LB
CHROME
C
5 PR #24 PER SH PVC
9832 060500
500 FT
32.500 LB
CHROME
5 PR #24 PER SH PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 1
Revision Date: 02-07-2011
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9832 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/422


Similar Part No. - 9832060100

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
98320 HONEYWELL-ACC-98320 Datasheet
347Kb / 6P
   Other AC and DC Meters Available
More results

Similar Description - 9832060100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9843 ETC2-9843 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
8641 ETC2-8641 Datasheet
102Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1344218 ETC2-1344218 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1351568 ETC2-1351568 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1344219 ETC2-1344219 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs
9841 ETC2-9841 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
9842 ETC2-9842 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com