Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

551945 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 551945
Description  Surveillance and CCTV Applications Shielded or Flooded for Use in Underground Ducts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

551945 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  551945 Datasheet HTML 1Page - List of Unclassifed Manufacturers 551945 Datasheet HTML 2Page - List of Unclassifed Manufacturers 551945 Datasheet HTML 3Page - List of Unclassifed Manufacturers 551945 Datasheet HTML 4Page - List of Unclassifed Manufacturers 551945 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NEW
GENERA TION ®
CABLES
20.39
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Security Coaxial Cable
CCTV and Card Reader/Sensor Applications
Plenum-Rated
Plenum-Rated Coax for CCTV (NEC CMP and CEC CMP FT6)
Mini RG-59 Type
673948
25
solid
95%
.078 1.98 .146 3.71
U-500
U-152
9.0
4.1
BC
BC
U-1000
U-305
17.0
7.7
1000
305
17.0
7.7
RG-59 Type
643948* 20
solid
95%
.135 3.43 .193 4.90
U-500
U-152
16.0
7.3
BC
BC
500
152
17.5
8.0
U-1000
U-305
30.0 13.6
1000
305
32.0 14.5
RG-6 Type
633948
18
solid
95%
.170 4.32 .228 5.79
U-500
U-152
20.5
9.8
BC
BC
500
152
20.5
9.8
U-1000
U-305
40.0 18.1
1000
305
42.0 19.1
RG-11 Type
613948
14
solid
95%
.274 6.96 .348 8.84
500
152
44.5 20.2
BC
BC
1000
305
90.0 40.9
*643948 also available in Black jacket.
Plenum-Rated Coax for Card Readers/Sensors (NEC CMP, CEC CMP FT6)
RG-62 Type
6539Y8
22
solid
95%
.146 3.71 .204 5.18 U-1000
U-305
31.0 14.1
BCCS
BC
1000
305
33.0 15.0
BC = Bare Copper • BCCS = Bare Copper-covered Steel
Shield/
Braid
Coverage
Stranding
and
Conductor
AWG
Part
No.
m
Ft.
Standard Lengths
mm
Inch
kg
Standard
Unit Weight
Insulation
Nominal OD
Nominal OD
Inch
mm
Lbs.
Plenum-Rated Coax
CMP FT6 Rated
Product Description
Bare copper or copper-covered steel conductor,
foam FEP insulation, bare copper braid shield.
Natural Flamarrest® jacket (except 613948 which
is White fluorocopolymer). Sequential footage
marking every two feet.
Specifications
Conductor
Solid BC or BCCS
Insulation
Foam FEP
Shield
Bare Copper Braid
Jacket
Flamarrest
Approvals
NEC
CMP
CEC
CMP FT6
NEC Articles
800
Nominal Impedance
75
Nominal Impedance (6539Y8 only)
93
Temperature Rating
75°C
†613948 jacket is White fluorocopolymer.
Applications
• CCTV
• Card Reader/Sensor (6539Y8)


Similar Part No. - 551945

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
551945 BELDEN-551945 Datasheet
155Kb / 3P
   Surveillance CCTV, RG-59 #22 BC, 93% BC Braid, CM
05-05-2023
551945-0101000 BELDEN-551945-0101000 Datasheet
155Kb / 3P
   Surveillance CCTV, RG-59 #22 BC, 93% BC Braid, CM
05-05-2023
More results

Similar Description - 551945

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1544-A TOSHIBA-RN1544-A Datasheet
269Kb / 4P
   For use in Muting and Switching Applications
logo
Shanghai Leiditech Elec...
L1000LVF LEIDITECH-L1000LVF Datasheet
381Kb / 2P
   Designed for use in line voltage applications and permitting
logo
Sanyo Semicon Device
LA4450 SANYO-LA4450 Datasheet
473Kb / 7P
   Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139 Datasheet
141Kb / 4P
   Designed for use in pager applications
SEPT 04
logo
PHOENIX CONTACT
3000662 PHOENIX-3000662 Datasheet
69Kb / 5P
   For secure and space-saving accommodation of plug-in contacts in cable ducts and distributor shafts
logo
Sanyo Semicon Device
LA7019 SANYO-LA7019 Datasheet
132Kb / 3P
   ELECTRONIC SWITCH FOR USE IN VTR APPLICATIONS
LA7018 SANYO-LA7018 Datasheet
129Kb / 3P
   Electronic Switch for Use in VTR Applications
logo
Tiger Electronic Co.,Lt...
2SB834 TGS-2SB834 Datasheet
74Kb / 1P
   It is intented for use in power amplifier and switching applications.
2SB1151 TGS-2SB1151 Datasheet
59Kb / 1P
   It is intented for use in power amplifier and switching applications.
2SB772 TGS-2SB772 Datasheet
64Kb / 1P
   It is intented for use in power amplifier and switching applications.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com