Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39202B8078P810 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39202B8078P810
Description  SAW Components BAW/SAW Duplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B8078P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39202B8078P810 Datasheet HTML 1Page - TDK Electronics B39202B8078P810 Datasheet HTML 2Page - TDK Electronics B39202B8078P810 Datasheet HTML 3Page - TDK Electronics B39202B8078P810 Datasheet HTML 4Page - TDK Electronics B39202B8078P810 Datasheet HTML 5Page - TDK Electronics B39202B8078P810 Datasheet HTML 6Page - TDK Electronics B39202B8078P810 Datasheet HTML 7Page - TDK Electronics B39202B8078P810 Datasheet HTML 8Page - TDK Electronics B39202B8078P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
February 13, 2015
B8078
1880.0 / 1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
BAW/SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
ANT terminating impedance:
ZANT =50 Ω
RX terminating impedance:
ZRX = 100 Ω (balanced) || 10nH
TX terminating impedance:
ZTX =50 Ω
Characteristics ANT-RX
min.
typ.
@ 25˚C
max.
Center frequency
fC
1960.0
MHz
Maximum insertion attenuation
@fCarrier 1932.4 ... 1987.6MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (6).
3.0
3.7
dB
@fCarrier 1932.4 ... 1987.6MHz
α
WCDMA
1)
3.0
3.5 2)
2) Valid only for reduced temperature range from 0 ˚C to 85 ˚C.
dB
Error Vector Magnitude
@fCarrier 1932.4 ... 1987.6MHz EVM 3)
3) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
1.8
6.0
%
@fCarrier 1932.4 ... 1987.6MHz EVM 3)
1.8
3.5 2) %
@fCarrier 1932.4 ... 1987.6MHz EVM 3)
1.8
2.8 4)
4) Valid for room temperature 25 ˚C
%
Input VSWR (ANT port)
1930.0
... 1990.0 MHz
1.8
2.6
Output VSWR (RX port)
1930.0
... 1990.0 MHz
1.8
2.4
Attenuation
α
1.0
... 1765.0 MHz
30
46
dB
1835.0
... 1850.0 MHz
30
58
dB
@fCarrier 1852.4 ... 1907.6MHz
α
WCDMA
1)
45
56
dB
2025.0
... 2050.0 MHz
10
28
dB
2050.0
... 2075.0 MHz
25
36
dB
2400.0
... 2484.0 MHz
30
54
dB
2810.0
... 2910.0 MHz
30
58
dB
3775.0
... 3905.0 MHz
30
60
dB
5625.0
... 5815.0 MHz
30
61
dB
2075.0
... 6000.0 MHz
30
37
dB


Similar Part No. - B39202B8078P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B8004P810 TDK-B39202B8004P810 Datasheet
289Kb / 13P
   SAW Components BAW/SAW Duplexer
More results

Similar Description - B39202B8078P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39272B8016P810 TDK-B39272B8016P810 Datasheet
193Kb / 15P
   SAW Components BAW/SAW Duplexer
B39202B8004P810 TDK-B39202B8004P810 Datasheet
289Kb / 13P
   SAW Components BAW/SAW Duplexer
B39202B4480P810 TDK-B39202B4480P810 Datasheet
180Kb / 12P
   SAW Components BAW/SAW Duplexer
logo
EPCOS
B7633 EPCOS-B7633 Datasheet
181Kb / 12P
   SAW Components BAW duplexer 1880.00 / 1960.00 MHz
logo
TDK Electronics
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
   SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
   SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
   SAW Components SAW Duplexer
B39202B8618P810 TDK-B39202B8618P810 Datasheet
350Kb / 13P
   SAW Components SAW Duplexer
B39212B8651P810 TDK-B39212B8651P810 Datasheet
388Kb / 17P
   SAW Components SAW Duplexer
B39851B8581P810 TDK-B39851B8581P810 Datasheet
229Kb / 12P
   SAW Components SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com