Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA252450BT-2109C3 Datasheet(PDF) 2 Page - TDK Electronics

Part # DEA252450BT-2109C3
Description  Multilayer Chip Band Pass Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA252450BT-2109C3 Datasheet(HTML) 2 Page - TDK Electronics

  DEA252450BT-2109C3_16 Datasheet HTML 1Page - TDK Electronics DEA252450BT-2109C3_16 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(2/2)
001-03 / 20130901 / rf_bpf_dea252450bt-2109c3_en.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
• Ta:+25°C
FREQUENCY CHARACTERISTICS
INSERTION LOSS
RETURN LOSS
ATTENUATION
VSWR
Item
Minimum value
Typical value
Maximum value
Frequency range(Pass band)
(MHz)
2400
2500
Characteristic impedance(Pass band)
(
 )
50[Nominal]
Insertion loss(Pass band)
[+25°C]
(dB)
2.3
[–40 to +85°C]
(dB)
2.5
Return loss(Pass band)
(dB)
10
Attenuation
[DC to 76MHz]
(dB)
45
[76 to 108MHz]
(dB)
45
[480MHz]
(dB)
45
[746 to 764MHz]
(dB)
45
[776 to 794MHz]
(dB)
45
[824 to 849MHz]
(dB)
45
[869 to 880MHz]
(dB)
45
[880 to 915MHz]
(dB)
45
[925 to 960MHz]
(dB)
45
[1570 to 1580MHz]
(dB)
43
[1710 to 1785MHz]
(dB)
44
[1805 to 1850MHz]
(dB)
40
[1850 to 1910MHz]
(dB)
40
[1920 to 1980MHz]
(dB)
38
[1980 to 1990MHz]
(dB)
38
[2110 to 2170MHz]
(dB)
30
[2750 to 3000MHz]
(dB)
5
[3000 to 4800MHz]
(dB)
15
[4800 to 5000MHz]
(dB)
30
[5150 to 5850MHz]
(dB)
30
[7200 to 7500MHz]
(dB)
20
Temperature range
Operating
(°C)
–40
+85
Storage
(°C)
–40
+85
1900
3100
2700
2900
2100
2300
2500
Frequency(MHz)
40
10
15
20
25
30
35
5
0
1: 2400MHz
1.86dB
2: 2450MHz
1.64dB
3: 2500MHz
1.68dB
1 2 3
1900
3100
2700
2900
2100
2300
2500
Frequency(MHz)
–10
–5
50
25
30
35
40
45
15
20
10
5
0
1: 2400MHz
35.3dB
2: 2450MHz
29.8dB
3: 2500MHz
18.2dB
3
1 2
25
30
35
40
45
50
55
60
4500
3500
6500
5500
7500
500
2500
1500
20
15
10
5
0
Frequency(MHz)
1: 960MHz
47.8dB
2: 1570MHz
45.8dB
3: 1710MHz
47.6dB
4: 2170MHz
42.9dB
5: 5000MHz
43.5dB
6: 7200MHz
39.6dB
1
2
4
5
6
3
–0.2
0.2
0.4
0.6
0.8
1
1
–0.4
–0.6
–0.8
–1
jV
U
–1
1: 2400MHz
1.07
2: 2450MHz
1.06
3: 2500MHz
1.22
0


Similar Part No. - DEA252450BT-2109C3_16

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3 Datasheet
219Kb / 21P
   Multilayer Band Pass Filters
More results

Similar Description - DEA252450BT-2109C3_16

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
   Multilayer Chip Band Pass Filters
logo
TDK Electronics
DEA252450BT-2037C1 TDK-DEA252450BT-2037C1_16 Datasheet
51Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1271A3 TDK-DEA162450BT-1271A3 Datasheet
59Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2139A1 TDK-DEA162450BT-2139A1 Datasheet
49Kb / 2P
   Multilayer Chip Band Pass Filters
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1210A1 TDK-DEA162450BT-1210A1 Datasheet
45Kb / 1P
   Multilayer Chip Band Pass Filters
DEA252450BT-2024C2 TDK-DEA252450BT-2024C2_16 Datasheet
50Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-2169A4 TDK-DEA162450BT-2169A4 Datasheet
53Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1247C1 TDK-DEA162450BT-1247C1 Datasheet
46Kb / 2P
   Multilayer Chip Band Pass Filters
DEA162450BT-1262B1 TDK-DEA162450BT-1262B1 Datasheet
59Kb / 2P
   Multilayer Chip Band Pass Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com