Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEA252450BT-7012D1 Datasheet(PDF) 2 Page - TDK Electronics

Part # DEA252450BT-7012D1
Description  Multilayer Band Pass Filter (Balance Output Type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DEA252450BT-7012D1 Datasheet(HTML) 2 Page - TDK Electronics

  DEA252450BT-7012D1 Datasheet HTML 1Page - TDK Electronics DEA252450BT-7012D1 Datasheet HTML 2Page - TDK Electronics DEA252450BT-7012D1 Datasheet HTML 3Page - TDK Electronics DEA252450BT-7012D1 Datasheet HTML 4Page - TDK Electronics DEA252450BT-7012D1 Datasheet HTML 5Page - TDK Electronics DEA252450BT-7012D1 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150605 / rf_bpf_dea252450bt-7012d1_en.fm
20150605 / rf_bpf_dea252450bt-7012d1_en.fm
Multilayer Band Pass Filter (Balance Output Type)
For 2400–2500MHz
SHAPES AND DIMENSIONS
RECOMMENDED LAND PATTERN
EVALUATION BOARD
DEA252450BT-7012D1
Conformity to RoHS Directive
0.40±0.15 0.30±0.10
Dimensions in mm
(4)
(8)
1.00max.
2.50±0.20
(7)(5)
(6)
(1)(2)(3)
[Top view]
[Bottom view]
Terminal functions
1
N.C.
2
Unbalanced port
3
DC feed or N.C.
4
GND
5
Balanced port
6
N.C.
7
Balanced port
8
GND
Marking
2.10
0.80
0.35
0.35
Dimensions in mm
Line width be designed to match 50
Ω characteristic impedance
depending on PCB material and thickness.
Land
Solder resist
2.10
0.80
0.35
0.35
Dimensions in mm
ø0.30 Through-hole
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/


Similar Part No. - DEA252450BT-7012D1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA252450BT-7014D1 TDK-DEA252450BT-7014D1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
More results

Similar Description - DEA252450BT-7012D1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA202450BT-7100C1 TDK-DEA202450BT-7100C1 Datasheet
80Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7077A1 TDK-DEA202450BT-7077A1 Datasheet
96Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7112B1 TDK-DEA202450BT-7112B1 Datasheet
82Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA203600BT-7127E3 TDK-DEA203600BT-7127E3 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7099A1 TDK-DEA202450BT-7099A1 Datasheet
81Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA212450BT-7031A1 TDK-DEA212450BT-7031A1 Datasheet
73Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA215425BT-7075C2 TDK-DEA215425BT-7075C2 Datasheet
126Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA252450BT-7014D1 TDK-DEA252450BT-7014D1 Datasheet
76Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7112E1 TDK-DEA202450BT-7112E1 Datasheet
81Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7210A1 TDK-DEA202450BT-7210A1 Datasheet
79Kb / 6P
   Multilayer Band Pass Filter (Balance Output Type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com