Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRS-150-48 Datasheet(PDF) 2 Page - CUI INC

Part # VDRS-150-48
Description  AC-DC DIN RAIL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDRS-150-48 Datasheet(HTML) 2 Page - CUI INC

  VDRS-150-48 Datasheet HTML 1Page - CUI INC VDRS-150-48 Datasheet HTML 2Page - CUI INC VDRS-150-48 Datasheet HTML 3Page - CUI INC VDRS-150-48 Datasheet HTML 4Page - CUI INC VDRS-150-48 Datasheet HTML 5Page - CUI INC VDRS-150-48 Datasheet HTML 6Page - CUI INC VDRS-150-48 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date
01/17/2013 │ page 2 of 7
CUI Inc
│ SERIES: VDRS-150 │ DESCRIPTION: AC-DC DIN RAIL
INPUT
parameter
conditions/description
min
typ
max
units
voltage
88
124
264
373
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
2.6
1.3
A
A
inrush current
at 115 Vac
at 230 Vac
33
65
A
A
power factor correction
at 230 Vac
at 115 Vac
0.90
0.98
leakage current
at 240 Vac
1mA
OUTPUT
parameter
conditions/description
min
typ
max
units
voltage accuracy
±1
%
line regulation
±0.5
%
load regulation
5±1
%
temperature coefficient
(0 ~ 50°C)
±0.03
%/°C
hold-up time
at 115 / 230 Vac, cold start
16
ms
voltage adjustment range
-2
+8
%
Note:
1. All specification are measured at 230 Vac input, rated load, 25°C unless otherwise specified.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
latch-off mode, restart
to recover from fault
24 V model
48 V model
120
117
138
135
%
%
Kicks in between 105~150% rated output power
when the fault persist for about 3 sec, then clamps
output voltage down, automatic recovery’ >150%
rated power or short circuit would cause the power
supply to go in to constant current limiting; if fault
condition is not removed after 5 times, then the
converter will shutdown and need to be restarted
to recover from fault.
over load protection
constant current limiting, automatically recovers
after fault condition is removed
105
150
%
over temperature protection
output shut down and auto restart upon reduction
of temperature
90
95
100
°C
DC ok relay contact ratings
at 0.3 A
at 1 A and 0.5 A
60
30
Vdc
Vdc
For more information, please visit the product page.


Similar Part No. - VDRS-150-48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDRS-10 CUI-VDRS-10 Datasheet
191Kb / 4P
   10 W MINI POWER SUPPLY
VDRS-10-12 CUI-VDRS-10-12 Datasheet
191Kb / 4P
   10 W MINI POWER SUPPLY
VDRS-10-15 CUI-VDRS-10-15 Datasheet
191Kb / 4P
   10 W MINI POWER SUPPLY
VDRS-10-24 CUI-VDRS-10-24 Datasheet
191Kb / 4P
   10 W MINI POWER SUPPLY
VDRS-100 CUI-VDRS-100 Datasheet
268Kb / 4P
   100 W MINI POWER SUPPLY
More results

Similar Description - VDRS-150-48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
VDRS-240 CUI-VDRS-240 Datasheet
294Kb / 7P
   AC-DC DIN RAIL
VDRS-20 CUI-VDRS-20_V01 Datasheet
378Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-60 CUI-VDRS-60_V01 Datasheet
347Kb / 4P
   AC-DC DIN RAIL
08/23/2012
logo
Arch Electronics Corp.
ADF120 ARCH-ADF120_16 Datasheet
131Kb / 2P
   AC-DC Din Rail Power Supply
logo
CUI INC
PDRB-300 CUI-PDRB-300_V01 Datasheet
591Kb / 6P
   AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRC-10 CUI-PDRC-10 Datasheet
424Kb / 6P
   AC-DC DIN RAIL POWER SUPPLY
PDRB-300 CUI-PDRB-300 Datasheet
583Kb / 6P
   AC-DC DIN RAIL POWER SUPPLY
PDRB-75 CUI-PDRB-75_V01 Datasheet
611Kb / 6P
   AC-DC DIN RAIL POWER SUPPLY
11/23/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com