Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS4N60FS Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFS4N60FS
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS4N60FS Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFS4N60FS Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS4N60FS Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS4N60FS Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS4N60FS Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS4N60FS Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS4N60FS Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS4N60FS Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BV
DSS = 600 V
R
DS(on) typ
I
D = 4 A
HFS4N60FS
600V N-Channel MOSFET
1.Gate 2. Drain 3. Source
Absolute Maximum Ratings
T
C=25
unless otherwise specified
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
600
V
I
D
Drain Current
– Continuous (T
C = 25
)
4.0 *
A
Drain Current
– Continuous (T
C = 100
)
2.5 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
16 *
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
70
mJ
I
AR
Avalanche Current
(Note 1)
4
A
E
AR
Repetitive Avalanche Energy
(Note 1)
3.5
mJ
P
D
Power Dissipation (T
C = 25
)
- Derate above 25
35
W
0.28
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
3.6
/W
R
JA
Junction-to-Ambient
--
62.5
* Drain current limited by maximum junction temperature
July 2015
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 8.5 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON) :2.6
GS=10V
100% Avalanche Tested
Single Gauge Package
FEATURES
2
1
3
TO-220F


Similar Part No. - HFS4N60FS

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS4N60FS SEMIHOW-HFS4N60FS_16 Datasheet
230Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - HFS4N60FS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com