Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H280838E-TCA0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4H280838E-TCA0
Description  128Mb DDR SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H280838E-TCA0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4H280838E-TCA0 Datasheet HTML 7Page - Samsung semiconductor K4H280838E-TCA0 Datasheet HTML 8Page - Samsung semiconductor K4H280838E-TCA0 Datasheet HTML 9Page - Samsung semiconductor K4H280838E-TCA0 Datasheet HTML 10Page - Samsung semiconductor K4H280838E-TCA0 Datasheet HTML 11Page - Samsung semiconductor K4H280838E-TCA0 Datasheet HTML 12Page - Samsung semiconductor K4H280838E-TCA0 Datasheet HTML 13Page - Samsung semiconductor K4H280838E-TCA0 Datasheet HTML 14Page - Samsung semiconductor K4H280838E-TCA0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
- 11 -
REV. 1.0 November. 2. 2000
128Mb DDR SDRAM
2.2 Input/Output Function Description
Table 3. Input/Output Function Description
SYMBOL
TYPE
DESCRIPTION
CK, CK
Input
Clock : CK and CK are differential clock inputs. All address and control input signals are sam-
pled on the positive edge of CK and negative edge of CK. Output (read) data is referenced to
both edges of CK. Internal clock signals are derived from CK/CK.
CKE
Input
Clock Enable : CKE HIGH activates, and CKE LOW deactivates internal clock signals, and
device input buffers and output drivers. Deactivating the clock provides PRECHARGE
POWER-DOWN and SELF REFRESH operation (all banks idle), or ACTIVE POWER-DOWN
(row ACTIVE in any bank). CKE is synchronous for all functions except for disabling outputs,
which is achieved asynchronously. Input buffers, excluding CK, CK and CKE are disabled
during power-down and self refresh modes, providing low standby power. CKE will recognize
an LVCMOS LOW level prior to VREF being stable on power-up.
CS
Input
Chip Select : CS enables(registered LOW) and disables(registered HIGH) the command
decoder. All commands are masked when CS is registered HIGH. CS provides for external
bank selection on systems with multiple banks. CS is considered part of the command code.
RAS, CAS, WE
Input
Command Inputs : RAS, CAS and WE (along with CS) define the command being entered.
LDM,(U)DM
Input
Input Data Mask : DM is an input mask signal for write data. Input data is masked when DM is
sampled HIGH along with that input data during a WRITE access. DM is sampled on both
edges of DQS. DM pins include dummy loading internally, to matches the DQ and DQS load-
ing. For the x16, LDM corresponds to the data on DQ0-DQ7 ; UDM correspons to the data on
DQ8-DQ15.
BA0, BA1
Input
Bank Addres Inputs : BA0 and BA1 define to which bank an ACTIVE, READ, WRITE or PRE-
CHARGE command is being applied.
A [n : 0]
Input
Address Inputs : Provide the row address for ACTIVE commands, and the column address
and AUTO PRECHARGE bit for READ/WRITE commands, to select one location out of the
memory array in the respective bank. A10 is sampled during a PRECHARGE command to
determine whether the PRECHARGE applies to one bank (A10 LOW) or all banks (A10
HIGH). If only one bank is to be precharged, the bank is selected by BA0, BA1. The address
inputs also provide the op-code during a MODE REGISTER SET command. BA0 and BA1
define which mode register is loaded during the MODE REGISTER SET command (MRS or
EMRS).
DQ
I/O
Data Input/Output : Data bus
LDQS,(U)DQS
I/O
Data Strobe : Output with read data, input with write data. Edge-aligned with read data, cen-
tered in write data. Used to capture write data. For the x16, LDQS corresponds to the data on
DQ0-DQ7 ; UDQS corresponds to the data on DQ8-DQ15.
QFC
Output
FET Control : Optional. Output during every Read and Write access. Can be used to control
isolation switches on modules.
NC
-
No Connect : No internal electrical connection is present.
VDDQ
Supply
DQ Power Supply : +2.5V ± 0.2V.
VSSQ
Supply
DQ Ground.
VDD
Supply
Power Supply : +2.5V ± 0.2V (device specific).
VSS
Supply
Ground.
VREF
Input
SSTL_2 reference voltage.


Similar Part No. - K4H280838E-TCA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H280838F-TC/LA2 SAMSUNG-K4H280838F-TC/LA2 Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4H280838F-TC/LB0 SAMSUNG-K4H280838F-TC/LB0 Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4H280838F-TC/LB3 SAMSUNG-K4H280838F-TC/LB3 Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4H280838F-UCA2 SAMSUNG-K4H280838F-UCA2 Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280838F-UCB0 SAMSUNG-K4H280838F-UCB0 Datasheet
298Kb / 23P
   128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - K4H280838E-TCA0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
HY5DU28422DT HYNIX-HY5DU28422DT Datasheet
409Kb / 33P
   128Mb-S DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com