Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQA50-D24-S3-T Datasheet(PDF) 4 Page - CUI INC

Part # PQA50-D24-S3-T
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQA50-D24-S3-T Datasheet(HTML) 4 Page - CUI INC

  PQA50-D24-S3-T Datasheet HTML 1Page - CUI INC PQA50-D24-S3-T Datasheet HTML 2Page - CUI INC PQA50-D24-S3-T Datasheet HTML 3Page - CUI INC PQA50-D24-S3-T Datasheet HTML 4Page - CUI INC PQA50-D24-S3-T Datasheet HTML 5Page - CUI INC PQA50-D24-S3-T Datasheet HTML 6Page - CUI INC PQA50-D24-S3-T Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PQA50-T │ DESCRIPTION: DC-DC CONVERTER
date 07/15/2015
│ page 4 of 7
PIN CONNECTIONS
PIN
Function
1
CTRL
2
GND
3
Vin
4
Trim
5
0V
6
+Vo
units: mm[inch]
tolerance: ±0.50[±0.020]
wirerange:24~12AWG
Top View
Front View
CHASSIS MOUNT WITH HEATSINK
PIN CONNECTIONS
PIN
Function
1
CTRL
2
GND
3
Vin
4
Trim
5
0V
6
+Vo
units: mm[inch]
tolerance: ±0.50[±0.020]
wirerange:24~12AWG
Top View
Front View
CHASSIS MOUNT
MECHANICAL DRAWING
For more information, please visit the product page.


Similar Part No. - PQA50-D24-S3-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQA50-D24-S3-T CUI-PQA50-D24-S3-T Datasheet
1Mb / 7P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - PQA50-D24-S3-T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com