Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQA50-D48-S15-T Datasheet(PDF) 2 Page - CUI INC

Part # PQA50-D48-S15-T
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQA50-D48-S15-T Datasheet(HTML) 2 Page - CUI INC

  PQA50-D48-S15-T Datasheet HTML 1Page - CUI INC PQA50-D48-S15-T Datasheet HTML 2Page - CUI INC PQA50-D48-S15-T Datasheet HTML 3Page - CUI INC PQA50-D48-S15-T Datasheet HTML 4Page - CUI INC PQA50-D48-S15-T Datasheet HTML 5Page - CUI INC PQA50-D48-S15-T Datasheet HTML 6Page - CUI INC PQA50-D48-S15-T Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PQA50-T │ DESCRIPTION: DC-DC CONVERTER
date 07/15/2015
│ page 2 of 7
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
18
36
24
48
36
75
Vdc
Vdc
start-up voltage
input under voltage protection
24 Vdc input models
48 Vdc input models
18
36
Vdc
Vdc
input over voltage protection
24 Vdc input models
48 Vdc input models
36
75
Vdc
Vdc
under/over voltage shutdown
input under voltage protection
24 Vdc input models
48 Vdc input models
16
32
Vdc
Vdc
input over voltage protection
24 Vdc input models
48 Vdc input models
40
81
Vdc
Vdc
surge voltage
for maximum of 1 second
24 Vdc input models
48 Vdc input models
-0.7
-0.7
50
100
Vdc
Vdc
start-up time
nominal input, constant load
10
ms
CTRL1
models ON (CTRL open or connect TTL high level, 3~12 Vdc)
modelsOFF(CTRLconnectGNDorlowlevel,0~1.2Vdc)
inputcurrent(modelsOFF)
6
mA
filter
pifilter
Note1.CTRLpinvoltageisreferencedtoGND.
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
full load, input voltage from low to high
±0.2
±0.5
%
load regulation
10% to 100% load
±0.5
±1
%
voltage accuracy
±1
±3
%
adjustability
±10
%
switching frequency
PWM mode
320
kHz
transient recovery time
25% load step change
300
500
μs
transient response deviation
25% load step change
±3
±5
%
temperaturecoefficient
100% load
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection2
3.3 Vdc output models
5 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
3.9
6.2
15
18
30
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
135
%
short circuit protection
continuous, automatic recovery, hiccup
over temperature protection
110
°C
Note
2. Module needs to be re-started after over voltage protection.
For more information, please visit the product page.


Similar Part No. - PQA50-D48-S15-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQA50-D48-S15-T CUI-PQA50-D48-S15-T Datasheet
1Mb / 7P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - PQA50-D48-S15-T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com