Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD06V36T-4LC Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # ESD06V36T-4LC
Description  4-Channel Low Capacitance ESD Protection Diodes Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD06V36T-4LC Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  ESD06V36T-4LC Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD06V36T-4LC Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD06V36T-4LC Datasheet HTML 3Page - Socay Electornics Co., Ltd. ESD06V36T-4LC Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-Channel Low Capacitance ESD Protection Diodes Array
Revision September 23, 2015
2 / 4
@ SOCAY Electronics Co., Ltd. 2015
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESD06V36T-4LC
SOCAY Electronics Co., Ltd.
www.socay.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Reverse Working Voltage
VRWM
Any I/O pin to GND
5
V
Reverse Breakdown Voltage
VBR
It =1mA; Any I/O pin to GND
6
V
Reverse Leakage Current
IR
VRWM =5V, T=25℃; Any I/O pin to GND
1
μA
Positive Clamping Voltage
VC1
IPP=1A,tP=8/20
μs;
Positive pulse; Any I/O pin to GND
8.5
12.0
V
Negative Clamping Voltage
VC2
IPP=1A,tP=8/20
μs;
Negative pulse;Any I/O pin to GND
1.8
V
Junction Capacitance
Between Channel
CJ1
VR=0V, f=1MHz;
Between I/O pins
0.35
0.45
pF
Junction Capacitance
Between I/O And GND
CJ2
VR=0V, f=1MHz;
Any I/O pin to GND
0.9
pF
Characteristics
Symbol
Ratings
Unit
Peak Pulse Power (8/20
μs)
PPP
150
W
Peak Pulse Current (8/20
μs)
IPP
5
A
ESD per IEC 61000-4-2 (Air)
VESD1
±15
kV
ESD per IEC 61000-4-2 (Contact)
VESD2
±8
kV
Operating Temperature Range
TOPR
-55~ +125
Storage Temperature Range
TSTG
-55~ +150
Absolute Maximum Ratings
Electrical Characteristics (TAMB=25℃)
Typical Electrical Characteristics Curve


Similar Part No. - ESD06V36T-4LC

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD06V08S-4L UNSEMI-ESD06V08S-4L Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD06V08SS-4L UNSEMI-ESD06V08SS-4L Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD06V12D-A UNSEMI-ESD06V12D-A Datasheet
2Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
ESD06V12D-C UNSEMI-ESD06V12D-C Datasheet
2Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ESD06V36T-4LC

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRC099-04ABT1G LRC-LRC099-04ABT1G Datasheet
458Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC099-04DT1G LRC-LRC099-04DT1G Datasheet
361Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
First Silicon Co., Ltd
FTV8804DFN2510 FS-FTV8804DFN2510 Datasheet
827Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
Leshan Radio Company
LRC099-04AT1G LRC-LRC099-04AT1G Datasheet
287Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC099MC-04AT1G LRC-LRC099MC-04AT1G Datasheet
444Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC1043-04DT1G LRC-LRC1043-04DT1G Datasheet
1Mb / 4P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
WILLAS ELECTRONIC CORP
SESD099-04BT1 WILLAS-SESD099-04BT1 Datasheet
447Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
Leshan Radio Company
LRC099-04BT1G LRC-LRC099-04BT1G Datasheet
293Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
WILLAS ELECTRONIC CORP
SESD099-04AT1 WILLAS-SESD099-04AT1 Datasheet
561Kb / 4P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
Leshan Radio Company
LRC399-04AT1G LRC-LRC399-04AT1G Datasheet
298Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com