Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD11D05V-C Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # ESD11D05V-C
Description  ESD Protection Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD11D05V-C Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  ESD11D05V-C Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD11D05V-C Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD11D05V-C Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Protection Diode
Revision September 23, 2015
1 / 3
@ SOCAY Electronics Co., Ltd. 2015
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESD11D05V-C
SOCAY Electronics Co., Ltd.
www.socay.com
DFN0603(0201)
The ESD11D05V-C is designed to protect voltage
sensitive
components
from
ESD.
Excellent
clamping
capability, low leakage, and fast response time, make these
parts ideal for ESD protection on designs where board
space is at a premium.
Because of its small size, it is suited for use in cellular
phones, MP3 players, digital cameras and many other
portable applications where board space is at a premium.
u
Small Body Outline Dimensions: 0.61mmx 0.31 mm
u
Low Body Height: 0.28 mm
u
Low Leakage
u
Response Time is Typically <1 ns
u
ESD Rating of Class3 (> 16 kV) per Human Body Model
u
IEC61000
−4−2 Level4 ESD Protection
u
These are Pb
−Free Devices
u
We declare that the material of product compliance with
RoHS requirements.
A = Specific Device Code
M= Month Code
u
Cellular Phones Audio
u
MP3 Players
u
Digital Cameras
u
Portable Applications
u
Mobile Telephone
Device
Marking
Shipping
ESD11D05V-C
A
15000/Tape&Reel
Rating
Symbol
Value
Unit
IEC61000-4-2 (ESD)
Air Discharge
±15
kV
Contact Discharge
±8
kV
ESD Voltage Per Human Body Model
16
kV
Total Power Dissipation on FR-5 Board (Note 1) @TA=25℃
PD
200
mW
Junction and Storage Temperature Range
TJ,TSTG
-55 to 150
ºC
Lead Solder Temperature – Maximum (10 Second Duration)
TL
260
ºC
Stresses exceeding Maximum Ratings may damage the device. Maximum Rating are stress ratings only.Functional operation
above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended
Operating Conditions may affect device reliability.
1. FR-5= 1.0*0.75*0.62 in.
Maximum Ratings
Description
Features
Functional Diagram
Applications
Ordering Information


Similar Part No. - ESD11D05V-C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
More results

Similar Description - ESD11D05V-C

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com