Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39202B9800J610 Datasheet(PDF) 11 Page - TDK Electronics

Part # B39202B9800J610
Description  SAW Components SAW Rx 2in1 filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9800J610 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B39202B9800J610 Datasheet HTML 4Page - TDK Electronics B39202B9800J610 Datasheet HTML 5Page - TDK Electronics B39202B9800J610 Datasheet HTML 6Page - TDK Electronics B39202B9800J610 Datasheet HTML 7Page - TDK Electronics B39202B9800J610 Datasheet HTML 8Page - TDK Electronics B39202B9800J610 Datasheet HTML 9Page - TDK Electronics B39202B9800J610 Datasheet HTML 10Page - TDK Electronics B39202B9800J610 Datasheet HTML 11Page - TDK Electronics B39202B9800J610 Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
August 05, 2009
B9800
1842.5 / 1960.0 MHz
SAW Components
SAW Rx 2in1 filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B9800
Ordering code
B39202-B9800-J610
Marking and package
C61157-A8-A18
Packaging
F61074-V8227-Z000
Date code
L_1126
S-parameters
B9800_LB_NB.s3p
B9800_LB_WB.s3p
B9800_UB_NB.s3p
B9800_UB_WB.s3p
See file header for port/pin assignment table.
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2009. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39202B9800J610

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9804P810 TDK-B39202B9804P810 Datasheet
184Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9807P810 TDK-B39202B9807P810 Datasheet
307Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9808P810 TDK-B39202B9808P810 Datasheet
230Kb / 12P
   SAW Components SAW Rx 2in1 filter
More results

Similar Description - B39202B9800J610

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9915P810 TDK-B39202B9915P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9818P810 TDK-B39202B9818P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9520P810 TDK-B39202B9520P810 Datasheet
168Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9808P810 TDK-B39202B9808P810 Datasheet
230Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39212B9912P810 TDK-B39212B9912P810 Datasheet
190Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9807P810 TDK-B39202B9807P810 Datasheet
307Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9804P810 TDK-B39202B9804P810 Datasheet
184Kb / 12P
   SAW Components SAW Rx 2in1 filter
B39202B9823P810 TDK-B39202B9823P810 Datasheet
209Kb / 12P
   SAW Components SAW Rx 2in1 diplex filter
B39202B9870P810 TDK-B39202B9870P810 Datasheet
210Kb / 12P
   SAW Components SAW Rx 2in1 input diplex filter
logo
EPCOS
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com