Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV15C5V0JB Datasheet(PDF) 4 Page - Comchip Technology

Part # TV15C5V0JB
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV15C5V0JB Datasheet(HTML) 4 Page - Comchip Technology

  TV15C5V0JB Datasheet HTML 1Page - Comchip Technology TV15C5V0JB Datasheet HTML 2Page - Comchip Technology TV15C5V0JB Datasheet HTML 3Page - Comchip Technology TV15C5V0JB Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Transient Voltage Suppressor
SMD Transient Voltage Suppressor
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0211016A
Page 4
Note:
1) Suffix K denotes 10% tolerance devices, suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify bi-directional devices.
3) For bi-directional devices having VR of 10 volts and under, the IR limit is double.
Part No.
V RWM
V BR Min V BR Max
IT
IFSM
IR @ V RWM
( V )
( V )
( V )
( mA )
(A) @ 8.3 m S
( V )
Ipp(A)
( uA )
UNI
BI
TV15C480K(B)
48.00
53.30
67.5
1
100
85.5
17.5
5
GFW
BFW
TV15C480J(B)
48.00
53.30
61.3
1
100
77.4
19.4
5
GFX
BFX
TV15C510K(B)
51.00
56.70
71.8
1
100
91.1
16.5
5
GFY
BFY
TV15C510J(B)
51.00
56.70
65.2
1
100
82.4
18.2
5
GFZ
BFZ
TV15C540K(B)
54.00
60.00
76.0
1
100
96.3
15.6
5
GGD
BGD
TV15C540J(B)
54.00
60.00
69.0
1
100
87.1
17.2
5
GGE
BGE
TV15C580K(B)
58.00
64.40
81.6
1
100
103.0
14.6
5
GGF
BGF
TV15C580J(B)
58.00
64.40
74.1
1
100
93.6
16.0
5
GGG
BGG
TV15C600K(B)
60.00
66.70
84.5
1
100
107.0
14.0
5
GGH
BGH
TV15C600J(B)
60.00
66.70
76.7
1
100
96.8
15.5
5
GGK
BGK
TV15C640K(B)
64.00
71.10
90.1
1
100
114.0
13.2
5
GGL
BGL
TV15C640J(B)
64.00
71.10
81.8
1
100
103.0
14.6
5
GGM
BGM
TV15C700K(B)
70.00
77.80
98.6
1
100
125.0
12.0
5
GGN
BGN
TV15C700J(B)
70.00
77.80
89.5
1
100
113.0
13.3
5
GGP
BGP
TV15C750K(B)
75.00
83.30
105.7
1
100
134.0
11.2
5
GGQ
BGQ
TV15C750J(B)
75.00
83.30
95.8
1
100
121.0
12.4
5
GGR
BGR
TV15C780K(B)
78.00
86.70
109.8
1
100
139.0
10.8
5
GGS
BGS
TV15C780J(B)
78.00
86.70
99.7
1
100
126.0
11.4
5
GGT
BGT
TV15C850K(B)
85.00
94.40
119.2
1
100
151.0
9.9
5
GGU
BGU
TV15C850J(B)
85.00
94.40
108.2
1
100
137.0
10.4
5
GGV
BGV
TV15C900K(B)
90.00
100.00
126.5
1
100
160.0
9.4
5
GGW
BGW
TV15C900J(B)
90.00
100.00
115.5
1
100
146.0
10.3
5
GGX
BGX
TV15C101K(B)
100.00
111.00
141.0
1
100
179.0
8.4
5
GGY
BGY
TV15C101J(B)
100.00
111.00
128.0
1
100
162.0
9.3
5
GGZ
BGZ
TV15C111K(B)
110.00
122.00
154.5
1
100
196.0
7.7
5
GHD
BHD
TV15C111J(B)
110.00
122.00
140.5
1
100
177.0
8.4
5
GHE
BHE
TV15C121K(B)
120.00
133.00
169.0
1
100
214.0
7.0
5
GHF
BHF
TV15C121J(B)
120.00
133.00
153.0
1
100
193.0
7.9
5
GHG
BHG
TV15C131K(B)
130.00
144.00
182.5
1
100
231.0
6.5
5
GHH
BHH
TV15C131J(B)
130.00
144.00
165.5
1
100
209.0
7.2
5
GHK
BHK
TV15C151K(B)
150.00
167.00
211.5
1
100
268.0
5.6
5
GHL
BHL
TV15C151J(B)
150.00
167.00
192.5
1
100
243.0
6.2
5
GHM
BHM
TV15C161K(B)
160.00
178.00
226.0
1
100
287.0
5.2
5
GHN
BHN
TV15C161J(B)
160.00
178.00
205.0
1
100
259.0
5.8
5
GHP
BHP
TV15C171K(B)
170.00
189.00
239.5
1
100
304.0
4.9
5
GHQ
BHQ
TV15C171J(B)
170.00
189.00
217.5
1
100
275.0
5.5
5
GHR
BHR
Max Vc
Marking Code
Absolute Maxim um Rating ( Ta=25 C )
Electrical Characteristics ( Ta=25 C )


Similar Part No. - TV15C5V0JB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV15C5V0JB-G COMCHIP-TV15C5V0JB-G Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
TV15C5V0JB-HF COMCHIP-TV15C5V0JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV15C5V0JB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com