Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD10V12D-C Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # ESD10V12D-C
Description  Transient Voltage Suppressors for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD10V12D-C Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  ESD10V12D-C Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD10V12D-C Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD10V12D-C Datasheet HTML 3Page - Socay Electornics Co., Ltd. ESD10V12D-C Datasheet HTML 4Page - Socay Electornics Co., Ltd. ESD10V12D-C Datasheet HTML 5Page - Socay Electornics Co., Ltd. ESD10V12D-C Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Transient Voltage Suppressors for ESD Protection
Revision September 25, 2013
4 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SOD123 Series TVS/ESD
SOCAY Electronics Co., Ltd.
www.socay.com
Temperature Cycle
JESD22-A104
Case
SOD-123 Molded Plastic over glass
passivated junction
Pressure Cooker
JESD22-A102
Polarity
Color band denotes cathode except
Bipolar
High Temp. Storage
JESD22-A103
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
HTRB
JESD22-A108
Thermal Shock
JESD22-A106
Reflow Condition
Lead
–free assembly
-Temperature Min (Ts(min))
150
°C
-Temperature Max (Ts(max))
200
°C
Pre Heat
- Time (min to max) (Ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3
°C/second max
TS(max) to TL - Ramp-up Rate
3
°C/second max
- Temperature (TL) (Liquidus)
217
°C
Reflow
- Time (min to max) (TL)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time
within
5
°C
of
actual
peak
Temperature (tp)
20 -40 Seconds
Ramp-down Rate
6
°C/second max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Do not exceed
280
°C
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
Fig7 I-V Curve Characteristics
Soldering Parameters
Physical Specifications
Environmental Specifications
IF
I
V
VF
IT
IPP
VRW
VBR
R
VC
Uni-directional
IPP
I
V
IT
IR
VRW VBR
R
VC
IT
IR
IPP
VRW
VBR
R
VC
Bi-directional


Similar Part No. - ESD10V12D-C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD10V12D-C SOCAY-ESD10V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD10V12D-C SOCAY-ESD10V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD10V12D-C SOCAY-ESD10V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD10V12D-C SOCAY-ESD10V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD10V12D-C SOCAY-ESD10V12D-C Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD10V12D-C

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com