Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD43V12D-A Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # ESD43V12D-A
Description  Transient Voltage Suppressors for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD43V12D-A Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  ESD43V12D-A Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD43V12D-A Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD43V12D-A Datasheet HTML 3Page - Socay Electornics Co., Ltd. ESD43V12D-A Datasheet HTML 4Page - Socay Electornics Co., Ltd. ESD43V12D-A Datasheet HTML 5Page - Socay Electornics Co., Ltd. ESD43V12D-A Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Transient Voltage Suppressors for ESD Protection
Revision September 25, 2013
2 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SOD123 Series TVS/ESD
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Device
Marking
Breakdown
Voltage VBR
(V)
@IT
VC
Uni
Bi
Uni
Bi
VRWM
(V)
(Max.)
Min
Max
IT
(mA)
Max
@IPP
IR
ESD3.3V12D-A
ESD3.3V12D-C
FD
-
3.3
5.20
6.00
10
8.0
25.0
400
ESD5.0V12D-A
ESD5.0V12D-C
FE
KE
5.0
6.40
7.00
7.37
10
9.2
21.74
400
ESD6.0V12D-A
ESD6.0V12D-C
FG
KG
6.0
6.67
7.37
10
10.3
19.42
400
ESD6.5V12D-A
ESD6.5V12D-C
FK
KK
6.5
7.22
7.98
10
11.2
17.86
250
ESD7.0V12D-A
ESD7.0V12D-C
FM
KM
7.0
7.78
8.60
10
12.0
16.67
100
ESD7.5V12D-A
ESD7.5V12D-C
FP
KP
7.5
8.33
9.21
1
12.9
15.50
50
ESD8.0V12D-A
ESD8.0V12D-C
FR
KR
8.0
8.89
9.83
1
13.6
14.71
25
ESD8.5V12D-A
ESD8.5V12D-C
FT
KT
8.5
9.44
10.40
1
14.4
13.89
10
ESD9.0V12D-A
ESD9.0V12D-C
FV
KV
9.0
10.00
11.10
1
15.4
12.99
5
ESD10V12D-A
ESD10V12D-C
FX
KX
10.0
11.10
12.30
1
17.0
11.76
2.5
ESD11V12D-A
ESD11V12D-C
FZ
KZ
11.0
12.20
13.50
1
18.2
10.99
2.5
ESD12V12D-A
ESD12V12D-C
HE
LE
12.0
13.30
14.70
1
19.9
10.05
2.5
ESD13V12D-A
ESD13V12D-C
HG
LG
13.0
14.40
15.90
1
21.5
9.30
1
ESD14V12D-A
ESD14V12D-C
HK
LK
14.0
15.60
17.20
1
23.2
8.62
1
ESD15V12D-A
ESD15V12D-C
HM
LM
15.0
16.70
18.50
1
24.4
8.20
1
ESD16V12D-A
ESD16V12D-C
HP
LP
16.0
17.80
19.70
1
26.0
7.69
1
ESD17V12D-A
ESD17V12D-C
HR
LR
17.0
18.90
20.90
1
27.6
7.25
1
ESD18V12D-A
ESD18V12D-C
HT
LT
18.0
20.00
22.10
1
29.2
6.85
1
ESD19V12D-A
ESD19V12D-C
HB
LB
19.0
21.10
23.30
1
30.6
6.54
1
ESD20V12D-A
ESD20V12D-C
HV
LV
20.0
22.20
24.50
1
32.4
6.17
1
ESD22V12D-A
ESD22V12D-C
HX
LX
22.0
24.40
26.90
1
35.5
5.63
1
ESD24V12D-A
ESD24V12D-C
HZ
LZ
24.0
26.70
29.50
1
38.9
5.14
1
ESD26V12D-A
ESD26V12D-C
JE
ME
26.0
28.90
31.90
1
42.1
4.75
1
ESD28V12D-A
ESD28V12D-C
JG
MG
28.0
31.10
34.40
1
45.4
4.41
1
ESD30V12D-A
ESD30V12D-C
JK
MK
30.0
33.30
36.80
1
48.4
4.13
1
ESD33V12D-A
ESD33V12D-C
JM
MM
33.0
36.70
40.60
1
53.3
3.75
1
ESD36V12D-A
ESD36V12D-C
JP
MP
36.0
40.00
44.20
1
58.1
3.44
1
ESD40V12D-A
ESD40V12D-C
JR
MR
40.0
44.40
49.10
1
64.5
3.10
1
ESD43V12D-A
ESD43V12D-C
JT
MT
43.0
47.80
52.80
1
69.4
2.88
1
ESD45V12D-A
ESD45V12D-C
JV
MV
45.0
50.00
55.30
1
72.7
2.75
1
ESD48V12D-A
ESD48V12D-C
JX
MX
48.0
53.30
58.90
1
77.4
2.58
1
ESD51V12D-A
ESD51V12D-C
JZ
MZ
51.0
56.70
62.70
1
82.4
2.43
1
ESD54V12D-A
ESD54V12D-C
XE
NE
54.0
60.00
66.30
1
87.1
2.30
1
ESD58V12D-A
ESD58V12D-C
XG
NG
58.0
64.40
71.20
1
93.6
2.14
1
ESD60V12D-A
ESD60V12D-C
XK
NK
60.0
66.70
73.70
1
96.8
2.07
1
ESD64V12D-A
ESD64V12D-C
XM
NM
64.0
71.10
78.60
1
103.0
1.94
1
ESD70V12D-A
ESD70V12D-C
XP
NP
70.0
77.80
86.00
1
113.0
1.77
1
ESD75V12D-A
ESD75V12D-C
XR
NR
75.0
83.30
92.10
1
121.0
1.65
1
ESD78V12D-A
ESD78V12D-C
XT
NT
78.0
86.70
95.80
1
126.0
1.59
1
ESD80V12D-A
ESD80V12D-C
XB
NB
80.0
88.80
97.60
1
129.0
1.55
1
ESD85V12D-A
ESD85V12D-C
XV
NV
85.0
94.40
104.00
1
137.0
1.46
1
ESD90V12D-A
ESD90V12D-C
XX
NX
90.0
100.00
111.00
1
146.0
1.37
1
ESD96V12D-A
ESD96V12D-C
XZ
NZ
96.0
111.00
123.00
1
162.0
1.23
1
ESD110V12D-A
ESD110V12D-C
TE
PE
110.0
122.00
135.00
1
177.0
1.13
1
ESD120V12D-A
ESD120V12D-C
TG
PG
120.0
133.00
147.00
1
193.0
1.04
1
ESD130V12D-A
ESD130V12D-C
TK
PK
130.0
144.00
159.00
1
209.0
0.96
1
ESD140V12D-A
ESD140V12D-C
TB
PB
140.0
155.00
171.00
1
224.0
0.89
1
ESD150V12D-A
ESD150V12D-C
TM
PM
150.0
167.00
185.00
1
243.0
0.82
1
ESD160V12D-A
ESD160V12D-C
TP
PP
160.0
178.00
197.00
1
259.0
0.77
1
ESD170V12D-A
ESD170V12D-C
TR
PR
170.0
189.00
209.00
1
275.0
0.73
1
ESD180V12D-A
ESD180V12D-C
TT
PT
180.0
200.00
220.00
1
292.0
0.69
1
ESD190V12D-A
ESD190V12D-C
TV
PV
190.0
211.00
232.00
1
308.0
0.69
1
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics
(TA=25°C unless otherwise noted)


Similar Part No. - ESD43V12D-A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD43V12D-A SOCAY-ESD43V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD43V12D-A SOCAY-ESD43V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD43V12D-A SOCAY-ESD43V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD43V12D-A SOCAY-ESD43V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
ESD43V12D-A SOCAY-ESD43V12D-A Datasheet
310Kb / 6P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD43V12D-A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com