Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39202B9815P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39202B9815P810
Description  SAW filters for mobile communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9815P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39202B9815P810 Datasheet HTML 1Page - TDK Electronics B39202B9815P810 Datasheet HTML 2Page - TDK Electronics B39202B9815P810 Datasheet HTML 3Page - TDK Electronics B39202B9815P810 Datasheet HTML 4Page - TDK Electronics B39202B9815P810 Datasheet HTML 5Page - TDK Electronics B39202B9815P810 Datasheet HTML 6Page - TDK Electronics B39202B9815P810 Datasheet HTML 7Page - TDK Electronics B39202B9815P810 Datasheet HTML 8Page - TDK Electronics B39202B9815P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
May 3, 2011
B9815
1900.0 / 2017.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW 2in1 filter
Data sheet
Application
s
Low-loss 2in1 RF filter for mobile telephone
TD-SCDMA 1900 and TD-SCDMA 2100 systems
s
Usable passband:
Filter 1 (TD-SCDMA 1900):
40 MHz
Filter 2 (TD-SCDMA 2100):
15 MHz
s
Unbalanced to balanced operation for both filters
s
Impedance transformation from 50
Ω to 200 Ω for
both filters
s
Low amplitude ripple
s
No matching network required
Features
s
Package size 1.5 x1.1 x 0.4 mm3
s
Moisture Sensitive Level 3
s
RoHS compatible
s
Approx. weight 0.003g.
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
0.18
0,39
bottom view
0.075
0.21
6
7
8
9
10
5
1234
side view
top view
0.49
1.5
Pin configuration
s
1
Input [ Filter 1]
s
4
Input [ Filter 2 ]
s
6,7
Output balanced [ Filter 2 ]
s
8,9
Output balanced [ Filter 1 ]
s
2,3,5,10
Case ground
2,3,5,10
4
1
8
7
6
9


Similar Part No. - B39202B9815P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9816P810 TDK-B39202B9816P810 Datasheet
173Kb / 12P
   SAW Components SAW 2in1 filter
B39202B9818P810 TDK-B39202B9818P810 Datasheet
235Kb / 12P
   SAW Components SAW Rx 2in1 filter
More results

Similar Description - B39202B9815P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39232B9490P810 TDK-B39232B9490P810 Datasheet
122Kb / 8P
   SAW filters for mobile communications
logo
Murata Manufacturing Co...
SAFEH881MFM0F00 MURATA1-SAFEH881MFM0F00 Datasheet
61Kb / 2P
   SAW Filters for Mobile Communications
May.28,2012
logo
TDK Electronics
B39202B4219U810 TDK-B39202B4219U810 Datasheet
130Kb / 12P
   SAW filters for mobile communications
logo
Murata Manufacturing Co...
SAFJA43M0WC0Z00R03 MURATA1-SAFJA43M0WC0Z00R03 Datasheet
66Kb / 2P
   SAW Filters for Mobile Communications
May.28,2012
logo
EPCOS
B7775 EPCOS-B7775_1 Datasheet
59Kb / 7P
   SAW Filters for Mobile Communications
logo
TDK Electronics
B39192B9468P810 TDK-B39192B9468P810 Datasheet
92Kb / 8P
   SAW filters for mobile communications
B39232B8307P810 TDK-B39232B8307P810 Datasheet
109Kb / 8P
   SAW filters for mobile communications
logo
EPCOS
B9429 EPCOS-B9429 Datasheet
79Kb / 9P
   SAW filters for mobile communications
logo
TDK Electronics
B39162B9000C710S9 TDK-B39162B9000C710S9 Datasheet
44Kb / 4P
   SAW Filters for Mobile Communications
logo
EPCOS
B9410 EPCOS-B9410_1 Datasheet
80Kb / 8P
   SAW filter for mobile communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com