Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39202B9838P810 Datasheet(PDF) 11 Page - TDK Electronics

Part # B39202B9838P810
Description  SAW Components SAW Rx 4in1 input/output diplex filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9838P810 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B39202B9838P810 Datasheet HTML 7Page - TDK Electronics B39202B9838P810 Datasheet HTML 8Page - TDK Electronics B39202B9838P810 Datasheet HTML 9Page - TDK Electronics B39202B9838P810 Datasheet HTML 10Page - TDK Electronics B39202B9838P810 Datasheet HTML 11Page - TDK Electronics B39202B9838P810 Datasheet HTML 12Page - TDK Electronics B39202B9838P810 Datasheet HTML 13Page - TDK Electronics B39202B9838P810 Datasheet HTML 14Page - TDK Electronics B39202B9838P810 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
December 18,2014
B9838
881.5 / 942.5 / 1842.5 /
SAW Components
SAW Rx 4in1 input/output diplex filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics of Filter 3 ( GSM 900 )
Temperature range for specification:
T
=
-20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50Ω || 6.3nH
Terminating load impedance:
ZL = 150 Ω || 21 nH
min.
typ.
@25˚C
max.
Center frequency
fC
942.5
MHz
Maximum insertion attenuation
α
max
925.0
...
960.0
MHz
2.2
3.1
dB
Amplitude ripple (p-p)
∆α
925.0
...
960.0
MHz
0.9
1.8
dB
Input VSWR
925.0
...
960.0
MHz
1.8
2.4
Output VSWR
925.0
...
960.0
MHz
1.6
2.3
CMRR (|S21-S31|/|S21+S31)
925.0
...
960.0
MHz
17
21
dB
Attenuation
α
10.0
...
480.0
MHz
45
73
dB
480.0
...
850.0
MHz
30
47
dB
850.0
...
905.0
MHz
21
31
dB
905.0
...
915.0
MHz
10
17
dB
980.2
... 1000.0
MHz
18
24
dB
1000.0
... 1850.0
MHz
28
36
dB
1850.0
... 1920.0
MHz
35
45
dB
1920.0
... 3300.0
MHz
28
42
dB
3300.0
... 6000.0
MHz
28
38
dB


Similar Part No. - B39202B9838P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9837P810 TDK-B39202B9837P810 Datasheet
291Kb / 20P
   SAW Components SAW Rx 4in1 input/output diplex filter
More results

Similar Description - B39202B9838P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9837P810 TDK-B39202B9837P810 Datasheet
291Kb / 20P
   SAW Components SAW Rx 4in1 input/output diplex filter
B39202B9870P810 TDK-B39202B9870P810 Datasheet
210Kb / 12P
   SAW Components SAW Rx 2in1 input diplex filter
B39202B9823P810 TDK-B39202B9823P810 Datasheet
209Kb / 12P
   SAW Components SAW Rx 2in1 diplex filter
B39202B9821P810 TDK-B39202B9821P810 Datasheet
168Kb / 12P
   SAW Components SAW 2in1 input diplex filter
B39202B9908P810 TDK-B39202B9908P810 Datasheet
185Kb / 12P
   SAW Components SAW 2in1 input diplex filter
B39941B9814P810 TDK-B39941B9814P810 Datasheet
256Kb / 12P
   SAW Rx 2in1 input diplex filter
B39182B9522P810 TDK-B39182B9522P810 Datasheet
176Kb / 12P
   SAW Rx 2in1 input diplex filter
B39941B9803P810 TDK-B39941B9803P810 Datasheet
259Kb / 13P
   SAW Rx 2in1 output diplex filter
B39182B4328P810 TDK-B39182B4328P810 Datasheet
97Kb / 8P
   SAW Components SAW RX filter
B39821B5046U510 TDK-B39821B5046U510 Datasheet
126Kb / 9P
   SAW Components SAW Rx Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com